Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

MC68HC08AS32A Datasheet(PDF) 81 Page - Motorola, Inc

No. de Pieza. MC68HC08AS32A
Descripción  Microcontrollers
Descarga  296 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  MOTOROLA [Motorola, Inc]
Página de inicio  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC68HC08AS32A Datasheet(HTML) 81 Page - Motorola, Inc

Back Button MC68HC08AS32A Hoja de datos HTML 77Page - Motorola, Inc MC68HC08AS32A Hoja de datos HTML 78Page - Motorola, Inc MC68HC08AS32A Hoja de datos HTML 79Page - Motorola, Inc MC68HC08AS32A Hoja de datos HTML 80Page - Motorola, Inc MC68HC08AS32A Hoja de datos HTML 81Page - Motorola, Inc MC68HC08AS32A Hoja de datos HTML 82Page - Motorola, Inc MC68HC08AS32A Hoja de datos HTML 83Page - Motorola, Inc MC68HC08AS32A Hoja de datos HTML 84Page - Motorola, Inc MC68HC08AS32A Hoja de datos HTML 85Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 296 page
background image
Byte Data Link Controller-Digital (BDLC-D)
BDLC Protocol Handler
MC68HC08AS32A — Rev. 1
Data Sheet
MOTOROLA
Byte Data Link Controller-Digital (BDLC-D)
81
Figure 4-15. BDLC Protocol Handler Outline
4.5.4 Digital Loopback Multiplexer
The digital loopback multiplexer connects RxD to either BDTxD or BDRxD,
depending on the state of the DLOOP bit in the BCR2 register (see 4.6.3 BDLC
Control Register 2).
4.5.5 State Machine
All of the functions associated with performing the protocol are executed or
controlled by the state machine. The state machine is responsible for framing,
collision detection, arbitration, CRC generation/checking, and error detection. The
following sections describe the BDLC’s actions in a variety of situations.
4.5.5.1 4X Mode
The BDLC can exist on the same J1850 bus as modules which use a special 4X
(41.6 kbps) mode of J1850 variable pulse width modulation (VPW) operation. The
BDLC cannot transmit in 4X mode, but can receive messages in 4X mode, if the
RX4X bit is set in BCR2 register. If the RX4X bit is not set in the BCR2 register, any
4X message on the J1850 bus is treated as noise by the BDLC and is ignored.
Rx SHIFT REGISTER
TO CPU INTERFACE AND Rx/Tx BUFFERS
STATE MACHINE
TO PHYSICAL INTERFACE
8
Tx SHIFT REGISTER
8
Rx SHADOW REGISTER
Tx SHADOW REGISTER
LOOPBACK
BDRxD
BDTxD
MULTIPLEXER
DLOOP FROM BCR2
LOOPBACK CONTROL
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn