Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

MC68HC08AS32A Datasheet(PDF) 84 Page - Motorola, Inc

No. de Pieza. MC68HC08AS32A
Descripción  Microcontrollers
Descarga  296 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  MOTOROLA [Motorola, Inc]
Página de inicio  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC68HC08AS32A Datasheet(HTML) 84 Page - Motorola, Inc

Back Button MC68HC08AS32A Hoja de datos HTML 80Page - Motorola, Inc MC68HC08AS32A Hoja de datos HTML 81Page - Motorola, Inc MC68HC08AS32A Hoja de datos HTML 82Page - Motorola, Inc MC68HC08AS32A Hoja de datos HTML 83Page - Motorola, Inc MC68HC08AS32A Hoja de datos HTML 84Page - Motorola, Inc MC68HC08AS32A Hoja de datos HTML 85Page - Motorola, Inc MC68HC08AS32A Hoja de datos HTML 86Page - Motorola, Inc MC68HC08AS32A Hoja de datos HTML 87Page - Motorola, Inc MC68HC08AS32A Hoja de datos HTML 88Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 296 page
background image
Byte Data Link Controller-Digital (BDLC-D)
Data Sheet
MC68HC08AS32A — Rev. 1
84
Byte Data Link Controller-Digital (BDLC-D)
MOTOROLA
4.6 BDLC CPU Interface
The CPU interface provides the interface between the CPU and the BDLC and
consists of five user registers.
BDLC analog and roundtrip delay register (BARD)
BDLC control register 1 (BCR1)
BDLC control register 2 (BCR2)
BDLC state vector register (BSVR)
BDLC data register (BDR)
Figure 4-16. BDLC Block Diagram
4.6.1 BDLC Analog and Roundtrip Delay Register
This register programs the BDLC to compensate for various delays of different
external transceivers. The default delay value is16
µs. Timing adjustments from
9
µs to 24 µs in steps of 1 µs are available. The BARD register can be written only
once after each reset, after which they become read-only bits. The register may be
read at any time.
CPU INTERFACE
TO J1850 BUS
MUX INTERFACE
PROTOCOL HANDLER
PHYSICAL INTERFACE
TO CPU
BDLC
Address:
$003B
Bit 7
654321
Bit 0
Read:
ATE
RXPOL
00
BO3
BO2
BO1
BO0
Write:
R
R
Reset:
11000111
R= Reserved
Figure 4-17. BDLC Analog and Roundtrip Delay Register (BARD)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn