Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

MC68HC08AS32A Datasheet(PDF) 89 Page - Motorola, Inc

No. de Pieza. MC68HC08AS32A
Descripción  Microcontrollers
Descarga  296 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  MOTOROLA [Motorola, Inc]
Página de inicio  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC68HC08AS32A Datasheet(HTML) 89 Page - Motorola, Inc

Back Button MC68HC08AS32A Hoja de datos HTML 85Page - Motorola, Inc MC68HC08AS32A Hoja de datos HTML 86Page - Motorola, Inc MC68HC08AS32A Hoja de datos HTML 87Page - Motorola, Inc MC68HC08AS32A Hoja de datos HTML 88Page - Motorola, Inc MC68HC08AS32A Hoja de datos HTML 89Page - Motorola, Inc MC68HC08AS32A Hoja de datos HTML 90Page - Motorola, Inc MC68HC08AS32A Hoja de datos HTML 91Page - Motorola, Inc MC68HC08AS32A Hoja de datos HTML 92Page - Motorola, Inc MC68HC08AS32A Hoja de datos HTML 93Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 296 page
background image
Byte Data Link Controller-Digital (BDLC-D)
BDLC CPU Interface
MC68HC08AS32A — Rev. 1
Data Sheet
MOTOROLA
Byte Data Link Controller-Digital (BDLC-D)
89
NBFS — Normalization Bit Format Select Bit
This bit controls the format of the normalization bit (NB). See Figure 4-20. SAE
J1850 strongly encourages using an active long (logic 0) for in-frame responses
containing cyclical redundancy check (CRC) and an active short (logic 1) for
in-frame responses without CRC.
1 = NB that is received or transmitted is a 0 when the response part of an
in-frame response (IFR) ends with a CRC byte. NB that is received or
transmitted is a 1 when the response part of an in-frame response (IFR)
does not end with a CRC byte.
0 = NB that is received or transmitted is a 1 when the response part of an
in-frame response (IFR) ends with a CRC byte. NB that is received or
transmitted is a 0 when the response part of an in-frame response (IFR)
does not end with a CRC byte.
TEOD — Transmit End of Data Bit
This bit is set by the programmer to indicate the end of a message is being sent
by the BDLC. It will append an 8-bit CRC after completing transmission of the
current byte. This bit also is used to end an in-frame response (IFR). If the
transmit shadow register is full when TEOD is set, the CRC byte will be
transmitted after the current byte in the Tx shift register and the byte in the Tx
shadow register have been transmitted. (See 4.5.3 Rx and Tx Shadow
Registers for a description of the transmit shadow register.) Once TEOD is set,
the transmit data register empty flag (TDRE) in the BDLC state vector register
(BSVR) is cleared to allow lower priority interrupts to occur. (See 4.6.4 BDLC
State Vector Register.)
1 = Transmit end-of-data (EOD) symbol
0 = The TEOD bit will be cleared automatically at the rising edge of the first
CRC bit that is sent or if an error is detected. When TEOD is used to end
an IFR transmission, TEOD is cleared when the BDLC receives back a
valid EOD symbol or an error condition occurs.
TSIFR, TMIFR1, and TMIFR0 — Transmit In-Frame Response Control Bits
These three bits control the type of in-frame response being sent. The
programmer should not set more than one of these control bits to a 1 at any
given time. However, if more than one of these three control bits are set to 1,
the priority encoding logic will force these register bits to a known value as
shown in Table 4-4. For example, if 011 is written to TSIFR, TMIFR1, and
TMIFR0, then internally they will be encoded as 010. However, when these bits
are read back, they will read 011.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn