Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

MC68HC08AS32A Datasheet(PDF) 96 Page - Motorola, Inc

No. de Pieza. MC68HC08AS32A
Descripción  Microcontrollers
Descarga  296 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  MOTOROLA [Motorola, Inc]
Página de inicio  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC68HC08AS32A Datasheet(HTML) 96 Page - Motorola, Inc

Back Button MC68HC08AS32A Hoja de datos HTML 92Page - Motorola, Inc MC68HC08AS32A Hoja de datos HTML 93Page - Motorola, Inc MC68HC08AS32A Hoja de datos HTML 94Page - Motorola, Inc MC68HC08AS32A Hoja de datos HTML 95Page - Motorola, Inc MC68HC08AS32A Hoja de datos HTML 96Page - Motorola, Inc MC68HC08AS32A Hoja de datos HTML 97Page - Motorola, Inc MC68HC08AS32A Hoja de datos HTML 98Page - Motorola, Inc MC68HC08AS32A Hoja de datos HTML 99Page - Motorola, Inc MC68HC08AS32A Hoja de datos HTML 100Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 296 page
background image
Byte Data Link Controller-Digital (BDLC-D)
Data Sheet
MC68HC08AS32A — Rev. 1
96
Byte Data Link Controller-Digital (BDLC-D)
MOTOROLA
4.7 Low-Power Modes
The following information concerns wait mode and stop mode.
4.7.1 Wait Mode
This power-conserving mode is entered automatically from run mode whenever the
CPU executes a WAIT instruction and the WCM bit in BDLC control register 1
(BCR1) is previously clear. In BDLC wait mode, the BDLC cannot drive any data.
A subsequent successfully received message, including one that is in progress at
the time that this mode is entered, will cause the BDLC to wake up and generate a
CPU interrupt request if the interrupt enable (IE) bit in the BDLC control register 1
(BCR1) is previously set. (See 4.6.2 BDLC Control Register 1 for a better
understanding of IE.) This results in less of a power saving, but the BDLC is
guaranteed to receive correctly the message which woke it up, since the BDLC
internal operating clocks are kept running.
NOTE:
Ensuring that all transmissions are complete or aborted before putting the BDLC
into wait mode is important.
4.7.2 Stop Mode
This power-conserving mode is entered automatically from run mode whenever the
CPU executes a STOP instruction or if the CPU executes a WAIT instruction and
the WCM bit in the BDLC control register 1 (BCR1) is previously set. This is the
lowest power mode that the BDLC can enter.
A subsequent passive-to-active transition on the J1850 bus will cause the BDLC to
wake up and generate a non-maskable CPU interrupt request. When a STOP
instruction is used to put the BDLC in stop mode, the BDLC is not guaranteed to
correctly receive the message which woke it up, since it may take some time for
the BDLC internal operating clocks to restart and stabilize. If a WAIT instruction is
used to put the BDLC in stop mode, the BDLC is guaranteed to correctly receive
the byte which woke it up, if and only if an end-of-frame (EOF) has been detected
prior to issuing the WAIT instruction by the CPU. Otherwise, the BDLC will not
correctly receive the byte that woke it up.
If this mode is entered while the BDLC is receiving a message, the first subsequent
received edge will cause the BDLC to wake up immediately, generate a CPU
interrupt request, and wait for the BDLC internal operating clocks to restart and
stabilize before normal communications can resume. Therefore, the BDLC is not
guaranteed to receive that message correctly.
NOTE:
It is important to ensure all transmissions are complete or aborted prior to putting
the BDLC into stop mode.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn