Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

MC68HC08AS32A Datasheet(PDF) 97 Page - Motorola, Inc

No. de Pieza. MC68HC08AS32A
Descripción  Microcontrollers
Descarga  296 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  MOTOROLA [Motorola, Inc]
Página de inicio  http://www.freescale.com
Logo 

MC68HC08AS32A Datasheet(HTML) 97 Page - Motorola, Inc

Zoom Inzoom in Zoom Outzoom out
 97 / 296 page
background image
MC68HC08AS32A — Rev. 1
Data Sheet
MOTOROLA
Clock Generator Module (CGM)
97
Data Sheet — MC68HC08AS32A
Section 5. Clock Generator Module (CGM)
5.1 Introduction
This section describes the clock generator module (CGM). The CGM generates the
crystal clock signal, CGMXCLK, which operates at the frequency of the crystal. The
CGM also generates the base clock signal, CGMOUT, from which the system
integration module (SIM) derives the system clocks. CGMOUT is based on either
the crystal clock divided by two or the phase-locked loop (PLL) clock, CGMVCLK,
divided by two. The PLL is a frequency generator designed for use with 1-MHz to
8-MHz crystals or ceramic resonators. The PLL can generate an 8-MHz bus
frequency without using a 32-MHz crystal.
5.2 Features
Features of the CGM include:
Phase-locked loop with output frequency in integer multiples of the crystal
reference
Programmable hardware voltage-controlled oscillator (VCO) for low-jitter
operation
Automatic bandwidth control mode for low-jitter operation
Automatic frequency lock detector
CPU interrupt on entry or exit from locked condition
5.3 Functional Description
The CGM consists of three major submodules:
Crystal oscillator circuit — The crystal oscillator circuit generates the
constant crystal frequency clock, CGMXCLK.
Phase-locked loop (PLL) — The PLL generates the programmable VCO
frequency clock, CGMVCLK.
Base clock selector circuit — This software-controlled circuit selects either
CGMXCLK divided by two or the VCO clock, CGMVCLK, divided by two as
the base clock, CGMOUT. The SIM derives the system clocks from
CGMOUT.
Figure 5-1 shows the structure of the CGM.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn