Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

MC68HC08AS32A Datasheet(PDF) 19 Page - Motorola, Inc

No. de Pieza. MC68HC08AS32A
Descripción  Microcontrollers
Descarga  296 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  MOTOROLA [Motorola, Inc]
Página de inicio  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC68HC08AS32A Datasheet(HTML) 19 Page - Motorola, Inc

Back Button MC68HC08AS32A Hoja de datos HTML 15Page - Motorola, Inc MC68HC08AS32A Hoja de datos HTML 16Page - Motorola, Inc MC68HC08AS32A Hoja de datos HTML 17Page - Motorola, Inc MC68HC08AS32A Hoja de datos HTML 18Page - Motorola, Inc MC68HC08AS32A Hoja de datos HTML 19Page - Motorola, Inc MC68HC08AS32A Hoja de datos HTML 20Page - Motorola, Inc MC68HC08AS32A Hoja de datos HTML 21Page - Motorola, Inc MC68HC08AS32A Hoja de datos HTML 22Page - Motorola, Inc MC68HC08AS32A Hoja de datos HTML 23Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 296 page
background image
MC68HC08AS32A — Rev. 1
Data Sheet
MOTOROLA
General Description
19
Data Sheet — MC68HC08AS32A
Section 1. General Description
1.1 Introduction
The MC68HC08AS32A is a member of the low-cost, high-performance M68HC08
Family of 8-bit microcontroller units (MCUs). The M68HC08 Family is based on the
customer-specified integrated circuit (CSIC) design strategy. All MCUs in the family
use the enhanced M68HC08 central processor unit (CPU08) and are available with
a variety of modules, memory sizes and types, and package types.
1.2 Features
Features of the MC68HC08AS32A include:
High-performance M68HC08 architecture
Fully upward-compatible object code with M6805, M146805, and M68HC05
Families
8.4-MHz internal bus frequency
32,256 bytes of read-only memory (ROM)
ROM data security
512 bytes of on-chip electrically erasable programmable read-only memory
(EEPROM)
1024 bytes of on-chip random-access memory (RAM)
Serial peripheral interface module (SPI)
Serial communications interface module (SCI)
16-bit, 6-channel timer interface module (TIM)
Clock generator module (CGM)
8-bit, 15-channel analog-to-digital converter module (ADC)
SAE J1850 byte data link controller digital module (BDLC-D)
System protection features:
Computer operating properly (COP) with optional reset
Low-voltage detection with optional reset
Illegal opcode detection with optional reset
Illegal address detection with optional reset
Low-power design (fully static with stop and wait modes)
Master reset pin and power-on reset
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn