Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

MC68HC08AS32A Datasheet(PDF) 24 Page - Motorola, Inc

No. de Pieza. MC68HC08AS32A
Descripción  Microcontrollers
Descarga  296 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  MOTOROLA [Motorola, Inc]
Página de inicio  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC68HC08AS32A Datasheet(HTML) 24 Page - Motorola, Inc

Back Button MC68HC08AS32A Hoja de datos HTML 20Page - Motorola, Inc MC68HC08AS32A Hoja de datos HTML 21Page - Motorola, Inc MC68HC08AS32A Hoja de datos HTML 22Page - Motorola, Inc MC68HC08AS32A Hoja de datos HTML 23Page - Motorola, Inc MC68HC08AS32A Hoja de datos HTML 24Page - Motorola, Inc MC68HC08AS32A Hoja de datos HTML 25Page - Motorola, Inc MC68HC08AS32A Hoja de datos HTML 26Page - Motorola, Inc MC68HC08AS32A Hoja de datos HTML 27Page - Motorola, Inc MC68HC08AS32A Hoja de datos HTML 28Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 296 page
background image
General Description
Data Sheet
MC68HC08AS32A — Rev. 1
24
General Description
MOTOROLA
Figure 1-4. Power Supply Bypassing
VSS is also the ground for the port output buffers and the ground return for the serial
clock in the serial peripheral interface module (SPI). (See Section 15. Serial
Peripheral Interface (SPI).)
NOTE:
VSS must be grounded for proper MCU operation.
1.4.2 Oscillator Pins (OSC1 and OSC2)
The OSC1 and OSC2 pins are the connections for the on-chip oscillator circuit.
(See Section 5. Clock Generator Module (CGM).)
1.4.3 External Reset Pin (RST)
A logic 0 on the RST pin forces the MCU to a known startup state. RST is
bidirectional, allowing a reset of the entire system. It is driven low when any internal
reset source is asserted. (See Section 14. System Integration Module (SIM) for
more information.)
1.4.4 External Interrupt Pin (IRQ)
IRQ is an asynchronous external interrupt pin. (See Section 8. External Interrupt
(IRQ).)
1.4.5 Analog Power Supply Pin (VDDA/VDDAREF)
VDDA/VDDAREF is the power supply pin for the analog portion of the chip. These
modules are the analog-to-digital converter (ADC) and the clock generator module
(CGM). (See Section 5. Clock Generator Module (CGM) and Section 3.
Analog-to-Digital Converter (ADC).)
MCU
VDD
C2
C1
0.1
µF
VSS
VDD
+
NOTE: Component values shown represent typical applications.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn