Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

IBIS4-6600 Datasheet(PDF) 34 Page - Cypress Semiconductor

No. de pieza IBIS4-6600
Descripción Electrónicos  High resolution 6.6 M Pixel Rolling shutter CMOS Image sensor
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CYPRESS [Cypress Semiconductor]
Página de inicio  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

IBIS4-6600 Datasheet(HTML) 34 Page - Cypress Semiconductor

Back Button IBIS4-6600 Datasheet HTML 30Page - Cypress Semiconductor IBIS4-6600 Datasheet HTML 31Page - Cypress Semiconductor IBIS4-6600 Datasheet HTML 32Page - Cypress Semiconductor IBIS4-6600 Datasheet HTML 33Page - Cypress Semiconductor IBIS4-6600 Datasheet HTML 34Page - Cypress Semiconductor IBIS4-6600 Datasheet HTML 35Page - Cypress Semiconductor IBIS4-6600 Datasheet HTML 36Page - Cypress Semiconductor IBIS4-6600 Datasheet HTML 37Page - Cypress Semiconductor IBIS4-6600 Datasheet HTML 38Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 63 page
background image
IBIS4-6600
Datasheet
Cypress Semiconductor Corporation
3901 North First Street
San Jose, CA 95134
408-943-2600
Contact: info@Fillfactory.com
Document #: 38-05708 Rev.**(Revision 1.3 )
Page 34 of 63
Sync of left
shift-register
Sync of right
shift-register
Line n
Treg_int
Last line, followed by sync
of left shift-register
Tint
Sync
Figure 18: Syncing of the Y-shift registers.
Treg_int Difference between left and right pointer = integration counter until value “n”
of INT_TIME register is reached = INT_TIME register.
In case of NDR = 0, the actual integration time Tint is given by
Tint
Integration time [# lines] = NROF_LINES register - INT_TIME register + 1
In case of NDR = 1, NDR mode 1, the time Tint between two readings of the same row
is given by
Tint
Integration time [# lines] = NROF_LINES register + 1
In case of NDR = 1, NDR mode 2, the times Tint1 and Tint2 between two readings of
the same row (alternatingly) are given by
Tint1
Integration time [# lines] = 2 * INT_TIME register + 1
Tint2 Integration time [# lines]
= 2 * (NROF_LINES register + 1) – (2 * INT_TIME register + 1)
3.9.2.e
DELAY register
The DELAY register can be used to delay the PIXEL_VALID pulse (bits 0:3) and the
EOL/EOF pulses (bits 4:7) to synchronize them to the real pixel values at the analog
output or the ADC output (which give additional delays depending on their settings).
The bit settings and corresponding delay is indicated in Table 15.
Table 15: Delay added by changing the settings of the DELAY register
bits
Delay [# SYS_CLOCK periods]
bits
Delay [# SYS_CLOCK periods]
0000
0
1000
6
0001
0
1001
7
0010
0
1010
8
0011
1
1011
9
0100
2
1100
10
0101
3
1101
11


Número de pieza similar - IBIS4-6600

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cypress Semiconductor
IBIS4-6600 CYPRESS-IBIS4-6600_09 Datasheet
937Kb / 35P
   6.6 MP CMOS Image Sensor
More results

Descripción similar - IBIS4-6600

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cypress Semiconductor
IBIS4-1300 CYPRESS-IBIS4-1300 Datasheet
1Mb / 37P
   1.3 MPxl Rolling Shutter CMOS Image Sensor
IBIS4-1300 CYPRESS-IBIS4-1300_09 Datasheet
1Mb / 37P
   1.3 MPxl Rolling Shutter CMOS Image Sensor
CYII4SM1300AA CYPRESS-CYII4SM1300AA Datasheet
1Mb / 35P
   IBIS4-1300 1.3 MPxl Rolling Shutter CMOS Image Sensor
logo
ON Semiconductor
NOIM1SM9600A ONSEMI-NOIM1SM9600A Datasheet
569Kb / 66P
   MANO 9600 9.6 MegaPixel Rolling Shutter CMOS Image Sensor
February, 2014 ??Rev. P0
logo
Cypress Semiconductor
LUPA-1300 CYPRESS-LUPA-1300 Datasheet
631Kb / 48P
   1.3 M Pixel High Speed CMOS Image Sensor
IBIS4-6600 CYPRESS-IBIS4-6600_09 Datasheet
937Kb / 35P
   6.6 MP CMOS Image Sensor
IBIS4-A-6600 CYPRESS-IBIS4-A-6600 Datasheet
1Mb / 40P
   6.6 MP CMOS Image Sensor
logo
ON Semiconductor
NOII4SM6600A ONSEMI-NOII4SM6600A Datasheet
648Kb / 34P
   6.6 Megapixel CMOS Image Sensor
February, 2013 ??Rev. 14
NOII4SM6600A ONSEMI-NOII4SM6600A_16 Datasheet
648Kb / 33P
   6.6 Megapixel CMOS Image Sensor
December, 2016 ??Rev. 15
logo
Cypress Semiconductor
LUPA-4000 CYPRESS-LUPA-4000_07 Datasheet
1Mb / 38P
   4M Pixel CMOS Image Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com