Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

IBIS4-6600 Datasheet(PDF) 44 Page - Cypress Semiconductor

No. de pieza IBIS4-6600
Descripción Electrónicos  High resolution 6.6 M Pixel Rolling shutter CMOS Image sensor
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CYPRESS [Cypress Semiconductor]
Página de inicio  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

IBIS4-6600 Datasheet(HTML) 44 Page - Cypress Semiconductor

Back Button IBIS4-6600 Datasheet HTML 40Page - Cypress Semiconductor IBIS4-6600 Datasheet HTML 41Page - Cypress Semiconductor IBIS4-6600 Datasheet HTML 42Page - Cypress Semiconductor IBIS4-6600 Datasheet HTML 43Page - Cypress Semiconductor IBIS4-6600 Datasheet HTML 44Page - Cypress Semiconductor IBIS4-6600 Datasheet HTML 45Page - Cypress Semiconductor IBIS4-6600 Datasheet HTML 46Page - Cypress Semiconductor IBIS4-6600 Datasheet HTML 47Page - Cypress Semiconductor IBIS4-6600 Datasheet HTML 48Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 63 page
background image
IBIS4-6600
Datasheet
Cypress Semiconductor Corporation
3901 North First Street
San Jose, CA 95134
408-943-2600
Contact: info@Fillfactory.com
Document #: 38-05708 Rev.**(Revision 1.3 )
Page 44 of 63
Pin Pin name
Pin
type
Expected
Voltage [V]
Pin description
17
CMD_FS_ADC
Input
0.73
Biasing of first stage ADC. Connect to
VDDA_ADC with R = 50 k
Ω and
decouple to GNDA_ADC with C = 100
nF.
18
CMD_SS_ADC
Input
0.73
Biasing of second stage ADC. Connect
to VDDA_ADC with R = 50 k
Ω and
decouple to GNDA_ADC.
19
CMD_AMP_ADC
input
0.59
Biasing of input stage ADC. Connect to
VDDA_ADC with R = 180 k
Ω and
decouple to GNDA_ADC with C = 100
nF.
20
GNDAMP
Ground 0
GND (&substrate) of analog output.
21
OUT1
Output
Black level: 1
@ code 190
DAC_RAW reg.
Analog output 1.
22
ADC_IN1
Input
See OUT1.
Analog input ADC 1.
23
VDDAMP
Power
2.5
VDD of analog output [2.5 V] (Can be
connected to VDDA).
24
OUT2
Output
Black level: 1
@ code 190
DAC_RAW reg.
Analog output 2.
25
ADC_IN2
Input
See OUT2.
Analog input ADC 2.
26
VDDD
Power
2.5
VDD of digital part [2.5 V].
27
GNDD
Power
0
GND (&substrate) of digital part.
28
GNDA
Power
0
GND (&substrate) of analog part.
29
VDDA
Power
2.5
VDD of analog part [2.5 V].
30
REG_CLOCK
Input
-
Register clock. Data on internal bus is
copied to corresponding registers on
rising edge.
31
SYS_CLOCK
Input
-
System clock defining the pixel rate.
32
SYS_RESET
Input
-
Global system reset.
33
Y_CLK
Input
-
Line clock.
34
Y_START
Input
-
Start frame readout.
35
GNDD_ADC
Power
0
GND (&substrate) of digital part ADC.
36
VDDD_ADC
Power
2.5
VDD of digital part [2.5 V] ADC.
37
GNDA_ADC
Power
0
GND (&substrate) of analog part.
38
VDDA_ADC
Power
2.5
VDD of analog part [2.5 V].
39
VHIGH_ADC
Input
2.37
ADC high reference voltage (e.g.
connect to VDDA_ADC with R = 144
Ω and decouple to GNDA_ADC with C
= 100 nF.
40
VLOW_ADC
Input
0.59
ADC low reference voltage (e.g.
connect to GNDA_ADC with R = 59 Ω
and decouple to GNDA_ADC with C =
100 nF.
41
GNDA_ADC
Power
0
GND (&substrate) of analog part.
42
VDDA_ADC
Power
2.5
VDD of analog part [2.5 V].
43
GNDD_ADC
Power
0
GND (&substrate) of digital part ADC.
44
VDDD_ADC
Power
2.5
VDD of digital part [2.5 V] ADC.


Número de pieza similar - IBIS4-6600

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cypress Semiconductor
IBIS4-6600 CYPRESS-IBIS4-6600_09 Datasheet
937Kb / 35P
   6.6 MP CMOS Image Sensor
More results

Descripción similar - IBIS4-6600

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cypress Semiconductor
IBIS4-1300 CYPRESS-IBIS4-1300 Datasheet
1Mb / 37P
   1.3 MPxl Rolling Shutter CMOS Image Sensor
IBIS4-1300 CYPRESS-IBIS4-1300_09 Datasheet
1Mb / 37P
   1.3 MPxl Rolling Shutter CMOS Image Sensor
CYII4SM1300AA CYPRESS-CYII4SM1300AA Datasheet
1Mb / 35P
   IBIS4-1300 1.3 MPxl Rolling Shutter CMOS Image Sensor
logo
ON Semiconductor
NOIM1SM9600A ONSEMI-NOIM1SM9600A Datasheet
569Kb / 66P
   MANO 9600 9.6 MegaPixel Rolling Shutter CMOS Image Sensor
February, 2014 ??Rev. P0
logo
Cypress Semiconductor
LUPA-1300 CYPRESS-LUPA-1300 Datasheet
631Kb / 48P
   1.3 M Pixel High Speed CMOS Image Sensor
IBIS4-6600 CYPRESS-IBIS4-6600_09 Datasheet
937Kb / 35P
   6.6 MP CMOS Image Sensor
IBIS4-A-6600 CYPRESS-IBIS4-A-6600 Datasheet
1Mb / 40P
   6.6 MP CMOS Image Sensor
logo
ON Semiconductor
NOII4SM6600A ONSEMI-NOII4SM6600A Datasheet
648Kb / 34P
   6.6 Megapixel CMOS Image Sensor
February, 2013 ??Rev. 14
NOII4SM6600A ONSEMI-NOII4SM6600A_16 Datasheet
648Kb / 33P
   6.6 Megapixel CMOS Image Sensor
December, 2016 ??Rev. 15
logo
Cypress Semiconductor
LUPA-4000 CYPRESS-LUPA-4000_07 Datasheet
1Mb / 38P
   4M Pixel CMOS Image Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com