Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

IBIS4-6600 Datasheet(PDF) 48 Page - Cypress Semiconductor

No. de pieza IBIS4-6600
Descripción Electrónicos  High resolution 6.6 M Pixel Rolling shutter CMOS Image sensor
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CYPRESS [Cypress Semiconductor]
Página de inicio  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

IBIS4-6600 Datasheet(HTML) 48 Page - Cypress Semiconductor

Back Button IBIS4-6600 Datasheet HTML 44Page - Cypress Semiconductor IBIS4-6600 Datasheet HTML 45Page - Cypress Semiconductor IBIS4-6600 Datasheet HTML 46Page - Cypress Semiconductor IBIS4-6600 Datasheet HTML 47Page - Cypress Semiconductor IBIS4-6600 Datasheet HTML 48Page - Cypress Semiconductor IBIS4-6600 Datasheet HTML 49Page - Cypress Semiconductor IBIS4-6600 Datasheet HTML 50Page - Cypress Semiconductor IBIS4-6600 Datasheet HTML 51Page - Cypress Semiconductor IBIS4-6600 Datasheet HTML 52Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 63 page
background image
IBIS4-6600
Datasheet
Cypress Semiconductor Corporation
3901 North First Street
San Jose, CA 95134
408-943-2600
Contact: info@Fillfactory.com
Document #: 38-05708 Rev.**(Revision 1.3 )
Page 48 of 63
6.2 Bonding pads
The pad size is 100 µm by 100 µm.
Every pin has double bonding pads, one for bonding, the other for wafer probing:
-
Horizontal pads on the top and bottom:
o Horizontal pitch is 537.5 µm.
o Left pad for wafer probing on the bottom, right pad on the top.
o Right pad for bonding on the bottom, left pad on the top.
-
Vertical pads on the left and the right:
o Vertical pitch is 715 µm.
o Upper pad is for wafer probing on the right, lower pad on the left.
o Lower pad is for bonding on the right, upper pad on the left.
The origin of all coordinates in the tables is located in the centre of the pad at pin
location 1. The distance between the centre of the probe pad and the centre of the
bonding pad of the same pin equals 120 µm.
6.2.1 Probe pad positions
Table 18 shows the position of the pads for wafer probing.
Table 18: Probe pad positions
Probe pad
Pin
X (µm)
Y (µm)
Pin
X (µm)
Y (µm)
1
0
0
35
9010.1
-120
2
0
-715
36
9010.1
595
3
0
-1430
37
9010.1
1310
4
0
-2145
38
9010.1
2025
5
0
-2860
39
9010.1
2740
6
0
-3575
40
9010.1
3455
7
0
-4290
41
9010.1
4170
8
0
-5005
42
9010.1
4885
9
0
-5720
43
9010.1
5600
10
145.05
-5985.05
44
8865.05
5865.05
11
682.55
-5985.05
45
8327.55
5865.05
12
1220.05
-5985.05
46
7790.05
5865.05
13
1757.55
-5985.05
47
7252.55
5865.05
14
2295.05
-5985.05
48
6715.05
5865.05
15
2832.55
-5985.05
49
6177.55
5865.05
16
3370.05
-5985.05
50
5640.05
5865.05
17
3907.55
-5985.05
51
5102.55
5865.05
18
4445.05
-5985.05
52
4565.05
5865.05
19
4982.55
-5985.05
53
4027.55
5865.05
20
5520.05
-5985.05
54
3490.05
5865.05


Número de pieza similar - IBIS4-6600

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cypress Semiconductor
IBIS4-6600 CYPRESS-IBIS4-6600_09 Datasheet
937Kb / 35P
   6.6 MP CMOS Image Sensor
More results

Descripción similar - IBIS4-6600

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cypress Semiconductor
IBIS4-1300 CYPRESS-IBIS4-1300 Datasheet
1Mb / 37P
   1.3 MPxl Rolling Shutter CMOS Image Sensor
IBIS4-1300 CYPRESS-IBIS4-1300_09 Datasheet
1Mb / 37P
   1.3 MPxl Rolling Shutter CMOS Image Sensor
CYII4SM1300AA CYPRESS-CYII4SM1300AA Datasheet
1Mb / 35P
   IBIS4-1300 1.3 MPxl Rolling Shutter CMOS Image Sensor
logo
ON Semiconductor
NOIM1SM9600A ONSEMI-NOIM1SM9600A Datasheet
569Kb / 66P
   MANO 9600 9.6 MegaPixel Rolling Shutter CMOS Image Sensor
February, 2014 ??Rev. P0
logo
Cypress Semiconductor
LUPA-1300 CYPRESS-LUPA-1300 Datasheet
631Kb / 48P
   1.3 M Pixel High Speed CMOS Image Sensor
IBIS4-6600 CYPRESS-IBIS4-6600_09 Datasheet
937Kb / 35P
   6.6 MP CMOS Image Sensor
IBIS4-A-6600 CYPRESS-IBIS4-A-6600 Datasheet
1Mb / 40P
   6.6 MP CMOS Image Sensor
logo
ON Semiconductor
NOII4SM6600A ONSEMI-NOII4SM6600A Datasheet
648Kb / 34P
   6.6 Megapixel CMOS Image Sensor
February, 2013 ??Rev. 14
NOII4SM6600A ONSEMI-NOII4SM6600A_16 Datasheet
648Kb / 33P
   6.6 Megapixel CMOS Image Sensor
December, 2016 ??Rev. 15
logo
Cypress Semiconductor
LUPA-4000 CYPRESS-LUPA-4000_07 Datasheet
1Mb / 38P
   4M Pixel CMOS Image Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com