Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

IBIS4-6600 Datasheet(PDF) 49 Page - Cypress Semiconductor

No. de pieza IBIS4-6600
Descripción Electrónicos  High resolution 6.6 M Pixel Rolling shutter CMOS Image sensor
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CYPRESS [Cypress Semiconductor]
Página de inicio  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

IBIS4-6600 Datasheet(HTML) 49 Page - Cypress Semiconductor

Back Button IBIS4-6600 Datasheet HTML 45Page - Cypress Semiconductor IBIS4-6600 Datasheet HTML 46Page - Cypress Semiconductor IBIS4-6600 Datasheet HTML 47Page - Cypress Semiconductor IBIS4-6600 Datasheet HTML 48Page - Cypress Semiconductor IBIS4-6600 Datasheet HTML 49Page - Cypress Semiconductor IBIS4-6600 Datasheet HTML 50Page - Cypress Semiconductor IBIS4-6600 Datasheet HTML 51Page - Cypress Semiconductor IBIS4-6600 Datasheet HTML 52Page - Cypress Semiconductor IBIS4-6600 Datasheet HTML 53Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 63 page
background image
IBIS4-6600
Datasheet
Cypress Semiconductor Corporation
3901 North First Street
San Jose, CA 95134
408-943-2600
Contact: info@Fillfactory.com
Document #: 38-05708 Rev.**(Revision 1.3 )
Page 49 of 63
Probe pad
Pin
X (µm)
Y (µm)
Pin
X (µm)
Y (µm)
21
6057.55
-5985.05
55
2952.55
5865.05
22
6595.05
-5985.05
56
2415.05
5865.05
23
7132.55
-5985.05
57
1877.55
5865.05
24
7670.05
-5985.05
58
1340.05
5865.05
25
8207.55
-5985.05
59
802.55
5865.05
26
8745.05
-5985.05
60
265.05
5865.05
27
9010.1
-5840
61
0
5720
28
9010.1
-5125
62
0
5005
29
9010.1
-4410
63
0
4290
30
9010.1
-3695
64
0
3575
31
9010.1
-2980
65
0
2860
32
9010.1
-2265
66
0
2145
33
9010.1
-1550
67
0
1430
34
9010.1
-835
68
0
715
6.2.2 Bonding pad positions
Table 199 shows the position of the pads for bonding.
Table 19: Bonding pad positions
Bonding pad
Pin
X (µm)
Y (µm)
Pin
X (µm)
Y (µm)
1
0
0
35
9010.1
120
2
0
-715
36
9010.1
835
3
0
-1430
37
9010.1
1550
4
0
-2145
38
9010.1
2265
5
0
-2860
39
9010.1
2980
6
0
-3575
40
9010.1
3695
7
0
-4290
41
9010.1
4410
8
0
-5005
42
9010.1
5125
9
0
-5720
43
9010.1
5840
10
265.05
-5865.05
44
8745.05
5985.05
11
802.55
-5865.05
45
8207.55
5985.05
12
1340.05
-5865.05
46
7670.05
5985.05
13
1877.55
-5865.05
47
7132.55
5985.05
14
2415.05
-5865.05
48
6595.05
5985.05
15
2952.55
-5865.05
49
6057.55
5985.05
16
3490.05
-5865.05
50
5520.05
5985.05
17
4027.55
-5865.05
51
4982.55
5985.05
18
4565.05
-5865.05
52
4445.05
5985.05
19
5102.55
-5865.05
53
3907.55
5985.05
20
5640.05
-5865.05
54
3370.05
5985.05
21
6177.55
-5865.05
55
2832.55
5985.05
22
6715.05
-5865.05
56
2295.05
5985.05
23
7252.55
-5865.05
57
1757.55
5985.05
24
7790.05
-5865.05
58
1220.05
5985.05
25
8327.55
-5865.05
59
682.55
5985.05


Número de pieza similar - IBIS4-6600

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cypress Semiconductor
IBIS4-6600 CYPRESS-IBIS4-6600_09 Datasheet
937Kb / 35P
   6.6 MP CMOS Image Sensor
More results

Descripción similar - IBIS4-6600

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cypress Semiconductor
IBIS4-1300 CYPRESS-IBIS4-1300 Datasheet
1Mb / 37P
   1.3 MPxl Rolling Shutter CMOS Image Sensor
IBIS4-1300 CYPRESS-IBIS4-1300_09 Datasheet
1Mb / 37P
   1.3 MPxl Rolling Shutter CMOS Image Sensor
CYII4SM1300AA CYPRESS-CYII4SM1300AA Datasheet
1Mb / 35P
   IBIS4-1300 1.3 MPxl Rolling Shutter CMOS Image Sensor
logo
ON Semiconductor
NOIM1SM9600A ONSEMI-NOIM1SM9600A Datasheet
569Kb / 66P
   MANO 9600 9.6 MegaPixel Rolling Shutter CMOS Image Sensor
February, 2014 ??Rev. P0
logo
Cypress Semiconductor
LUPA-1300 CYPRESS-LUPA-1300 Datasheet
631Kb / 48P
   1.3 M Pixel High Speed CMOS Image Sensor
IBIS4-6600 CYPRESS-IBIS4-6600_09 Datasheet
937Kb / 35P
   6.6 MP CMOS Image Sensor
IBIS4-A-6600 CYPRESS-IBIS4-A-6600 Datasheet
1Mb / 40P
   6.6 MP CMOS Image Sensor
logo
ON Semiconductor
NOII4SM6600A ONSEMI-NOII4SM6600A Datasheet
648Kb / 34P
   6.6 Megapixel CMOS Image Sensor
February, 2013 ??Rev. 14
NOII4SM6600A ONSEMI-NOII4SM6600A_16 Datasheet
648Kb / 33P
   6.6 Megapixel CMOS Image Sensor
December, 2016 ??Rev. 15
logo
Cypress Semiconductor
LUPA-4000 CYPRESS-LUPA-4000_07 Datasheet
1Mb / 38P
   4M Pixel CMOS Image Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com