Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

IBIS4-6600 Datasheet(PDF) 61 Page - Cypress Semiconductor

No. de pieza IBIS4-6600
Descripción Electrónicos  High resolution 6.6 M Pixel Rolling shutter CMOS Image sensor
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CYPRESS [Cypress Semiconductor]
Página de inicio  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

IBIS4-6600 Datasheet(HTML) 61 Page - Cypress Semiconductor

Back Button IBIS4-6600 Datasheet HTML 55Page - Cypress Semiconductor IBIS4-6600 Datasheet HTML 56Page - Cypress Semiconductor IBIS4-6600 Datasheet HTML 57Page - Cypress Semiconductor IBIS4-6600 Datasheet HTML 58Page - Cypress Semiconductor IBIS4-6600 Datasheet HTML 59Page - Cypress Semiconductor IBIS4-6600 Datasheet HTML 60Page - Cypress Semiconductor IBIS4-6600 Datasheet HTML 61Page - Cypress Semiconductor IBIS4-6600 Datasheet HTML 62Page - Cypress Semiconductor IBIS4-6600 Datasheet HTML 63Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 61 / 63 page
background image
IBIS4-6600
Datasheet
Cypress Semiconductor Corporation
3901 North First Street
San Jose, CA 95134
408-943-2600
Contact: info@Fillfactory.com
Document #: 38-05708 Rev.**(Revision 1.3 )
Page 61 of 63
Disclaimer
The IBIS4-6600 sensor is only to be used for non-low vision aid applications. A strict
exclusivity agreement prevents us to sell the IBIS4-6600 sensor to customers who
intend to use it for the above specified applications.
FillFactory image sensors are only warranted to meet the specifications as described
in the production data sheet. FillFactory reserves the right to change any information
contained herein without notice.
Please contact info@FillFactory.com for more information.
Revision changes
No.
Date
Description of revision
1.0
18-Dec-03
Origination.
1.1
25-Mar-04
1.3 Part numbers updated.
2.2.1 Fill factor and dark current value updated.
2.2.2 The QE is thus … sentence updated.
2.4.3 DC electrical conditions updated.
6.3.1 Package drawings updated.
8.2 Reflow soldering recommendations added.
Figure 20, 22, 23, 23 and 24 redrawn.
1.2
16-Sep-04
3.2.3 Color filter response updated.
3.4 Minimum step size X-direction is 24.
3.9.1 Internal sequencer. Default values added.
4.2 Both EOL and EOF can be… sentence updated.
4.3.1 Figure 23 updated.
4.3.3 ADC timing updated.
5 Pin list. Description of pin 1 updated.
6.4 Refraction index of cover glass lids added.
6.4.1 Response curve of color cover glass lid updated.
8.2 Reflow soldering: note deleted.
1.3
04-Jan-05
Added
Cypress
equivalent
part
number,
ordering
information.
Restricted use information added in disclaimer.
Added Cypress Document # 38-05708 Rev ** in the
document footer.


Número de pieza similar - IBIS4-6600

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cypress Semiconductor
IBIS4-6600 CYPRESS-IBIS4-6600_09 Datasheet
937Kb / 35P
   6.6 MP CMOS Image Sensor
More results

Descripción similar - IBIS4-6600

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cypress Semiconductor
IBIS4-1300 CYPRESS-IBIS4-1300 Datasheet
1Mb / 37P
   1.3 MPxl Rolling Shutter CMOS Image Sensor
IBIS4-1300 CYPRESS-IBIS4-1300_09 Datasheet
1Mb / 37P
   1.3 MPxl Rolling Shutter CMOS Image Sensor
CYII4SM1300AA CYPRESS-CYII4SM1300AA Datasheet
1Mb / 35P
   IBIS4-1300 1.3 MPxl Rolling Shutter CMOS Image Sensor
logo
ON Semiconductor
NOIM1SM9600A ONSEMI-NOIM1SM9600A Datasheet
569Kb / 66P
   MANO 9600 9.6 MegaPixel Rolling Shutter CMOS Image Sensor
February, 2014 ??Rev. P0
logo
Cypress Semiconductor
LUPA-1300 CYPRESS-LUPA-1300 Datasheet
631Kb / 48P
   1.3 M Pixel High Speed CMOS Image Sensor
IBIS4-6600 CYPRESS-IBIS4-6600_09 Datasheet
937Kb / 35P
   6.6 MP CMOS Image Sensor
IBIS4-A-6600 CYPRESS-IBIS4-A-6600 Datasheet
1Mb / 40P
   6.6 MP CMOS Image Sensor
logo
ON Semiconductor
NOII4SM6600A ONSEMI-NOII4SM6600A Datasheet
648Kb / 34P
   6.6 Megapixel CMOS Image Sensor
February, 2013 ??Rev. 14
NOII4SM6600A ONSEMI-NOII4SM6600A_16 Datasheet
648Kb / 33P
   6.6 Megapixel CMOS Image Sensor
December, 2016 ??Rev. 15
logo
Cypress Semiconductor
LUPA-4000 CYPRESS-LUPA-4000_07 Datasheet
1Mb / 38P
   4M Pixel CMOS Image Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com