Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

IBIS4-6600 Datasheet(PDF) 25 Page - Cypress Semiconductor

No. de pieza IBIS4-6600
Descripción Electrónicos  High resolution 6.6 M Pixel Rolling shutter CMOS Image sensor
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CYPRESS [Cypress Semiconductor]
Página de inicio  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

IBIS4-6600 Datasheet(HTML) 25 Page - Cypress Semiconductor

Back Button IBIS4-6600 Datasheet HTML 21Page - Cypress Semiconductor IBIS4-6600 Datasheet HTML 22Page - Cypress Semiconductor IBIS4-6600 Datasheet HTML 23Page - Cypress Semiconductor IBIS4-6600 Datasheet HTML 24Page - Cypress Semiconductor IBIS4-6600 Datasheet HTML 25Page - Cypress Semiconductor IBIS4-6600 Datasheet HTML 26Page - Cypress Semiconductor IBIS4-6600 Datasheet HTML 27Page - Cypress Semiconductor IBIS4-6600 Datasheet HTML 28Page - Cypress Semiconductor IBIS4-6600 Datasheet HTML 29Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 63 page
background image
IBIS4-6600
Datasheet
Cypress Semiconductor Corporation
3901 North First Street
San Jose, CA 95134
408-943-2600
Contact: info@Fillfactory.com
Document #: 38-05708 Rev.**(Revision 1.3 )
Page 25 of 63
3.7 Electronic shutter
A curtain like (rolling) electronic shutter has been implemented on chip. As can be
seen in Figure 14, there are two Y shift registers. One of them points to the row that is
currently being read out. The other shift register points to the row that is currently
being reset. Both pointers are shifted by the same Y-clock and move over the focal
plane. The integration time is set by the delay between both pointers.
Readout
pointer
Reset
pointer
Figure 14: Operation of the electronic shutter
In case of a mechanical shutter, the two shift registers can be combined to apply the
pulses from both sides of the pixel array simultaneously. This is to halve the influence
of the parasitic RC times of the reset and select lines in the pixel array (which can
result in a reduction of the row blanking time). This is the case when FAST_RESET in
the SEQUENCER register is set to 1 or in the non-destructive readout modes 1 and 2.
Time axis
Line number
Reset sequence
Frame time
Integration time
Figure 15: Rolling shutter operation
In Figure 15, we schematically indicate the relative shift of the integration times of
different lines during the rolling shutter operation. Each line is read and reset in a
sequential way. The integration time is the same for all lines, but shifted in time. The
integration time can be varied through the INT_TIME register (in number of lines).


Número de pieza similar - IBIS4-6600

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cypress Semiconductor
IBIS4-6600 CYPRESS-IBIS4-6600_09 Datasheet
937Kb / 35P
   6.6 MP CMOS Image Sensor
More results

Descripción similar - IBIS4-6600

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cypress Semiconductor
IBIS4-1300 CYPRESS-IBIS4-1300 Datasheet
1Mb / 37P
   1.3 MPxl Rolling Shutter CMOS Image Sensor
IBIS4-1300 CYPRESS-IBIS4-1300_09 Datasheet
1Mb / 37P
   1.3 MPxl Rolling Shutter CMOS Image Sensor
CYII4SM1300AA CYPRESS-CYII4SM1300AA Datasheet
1Mb / 35P
   IBIS4-1300 1.3 MPxl Rolling Shutter CMOS Image Sensor
logo
ON Semiconductor
NOIM1SM9600A ONSEMI-NOIM1SM9600A Datasheet
569Kb / 66P
   MANO 9600 9.6 MegaPixel Rolling Shutter CMOS Image Sensor
February, 2014 ??Rev. P0
logo
Cypress Semiconductor
LUPA-1300 CYPRESS-LUPA-1300 Datasheet
631Kb / 48P
   1.3 M Pixel High Speed CMOS Image Sensor
IBIS4-6600 CYPRESS-IBIS4-6600_09 Datasheet
937Kb / 35P
   6.6 MP CMOS Image Sensor
IBIS4-A-6600 CYPRESS-IBIS4-A-6600 Datasheet
1Mb / 40P
   6.6 MP CMOS Image Sensor
logo
ON Semiconductor
NOII4SM6600A ONSEMI-NOII4SM6600A Datasheet
648Kb / 34P
   6.6 Megapixel CMOS Image Sensor
February, 2013 ??Rev. 14
NOII4SM6600A ONSEMI-NOII4SM6600A_16 Datasheet
648Kb / 33P
   6.6 Megapixel CMOS Image Sensor
December, 2016 ??Rev. 15
logo
Cypress Semiconductor
LUPA-4000 CYPRESS-LUPA-4000_07 Datasheet
1Mb / 38P
   4M Pixel CMOS Image Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com