Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

IBIS4-6600 Datasheet(PDF) 26 Page - Cypress Semiconductor

No. de pieza IBIS4-6600
Descripción Electrónicos  High resolution 6.6 M Pixel Rolling shutter CMOS Image sensor
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CYPRESS [Cypress Semiconductor]
Página de inicio  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

IBIS4-6600 Datasheet(HTML) 26 Page - Cypress Semiconductor

Back Button IBIS4-6600 Datasheet HTML 22Page - Cypress Semiconductor IBIS4-6600 Datasheet HTML 23Page - Cypress Semiconductor IBIS4-6600 Datasheet HTML 24Page - Cypress Semiconductor IBIS4-6600 Datasheet HTML 25Page - Cypress Semiconductor IBIS4-6600 Datasheet HTML 26Page - Cypress Semiconductor IBIS4-6600 Datasheet HTML 27Page - Cypress Semiconductor IBIS4-6600 Datasheet HTML 28Page - Cypress Semiconductor IBIS4-6600 Datasheet HTML 29Page - Cypress Semiconductor IBIS4-6600 Datasheet HTML 30Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 63 page
background image
IBIS4-6600
Datasheet
Cypress Semiconductor Corporation
3901 North First Street
San Jose, CA 95134
408-943-2600
Contact: info@Fillfactory.com
Document #: 38-05708 Rev.**(Revision 1.3 )
Page 26 of 63
3.8 High dynamic range modes
3.8.1 Double slope integration
The IBIS4-6600 has a feature to increase the optical dynamic range of the sensor;
called double slope integration. The pixel response can be extended over a larger
range of light intensities by using a “dual slope integration” (patents pending). This is
obtained by the addition of charge packets from a long and a short integration time in
the pixel during the same exposure time.
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
0%
10%
20%
30%
40%
50%
60%
70%
80%
90%
100%
Relative exposure (arbitrary scale)
Dual slope operation
Long integration time
Short integration time
Figure 16: Double slope response curve
Figure 16 shows the response curve of a pixel in dual slope integration mode. The
curve also shows the response of the same pixel in linear integration mode, with a
long and short integration time, at the same light levels.
Dual slope integration is obtained by:
Feeding a lower supply voltage to VDD_RESET_DS (e.g. apply 2.0V to
2.5V). Note that for normal (single slope operation VDD_RESET_DS should
have the same value as VDD_RESET. The difference between
VDD_RESET_DS and VDD_RESET determines the range of the high


Número de pieza similar - IBIS4-6600

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cypress Semiconductor
IBIS4-6600 CYPRESS-IBIS4-6600_09 Datasheet
937Kb / 35P
   6.6 MP CMOS Image Sensor
More results

Descripción similar - IBIS4-6600

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cypress Semiconductor
IBIS4-1300 CYPRESS-IBIS4-1300 Datasheet
1Mb / 37P
   1.3 MPxl Rolling Shutter CMOS Image Sensor
IBIS4-1300 CYPRESS-IBIS4-1300_09 Datasheet
1Mb / 37P
   1.3 MPxl Rolling Shutter CMOS Image Sensor
CYII4SM1300AA CYPRESS-CYII4SM1300AA Datasheet
1Mb / 35P
   IBIS4-1300 1.3 MPxl Rolling Shutter CMOS Image Sensor
logo
ON Semiconductor
NOIM1SM9600A ONSEMI-NOIM1SM9600A Datasheet
569Kb / 66P
   MANO 9600 9.6 MegaPixel Rolling Shutter CMOS Image Sensor
February, 2014 ??Rev. P0
logo
Cypress Semiconductor
LUPA-1300 CYPRESS-LUPA-1300 Datasheet
631Kb / 48P
   1.3 M Pixel High Speed CMOS Image Sensor
IBIS4-6600 CYPRESS-IBIS4-6600_09 Datasheet
937Kb / 35P
   6.6 MP CMOS Image Sensor
IBIS4-A-6600 CYPRESS-IBIS4-A-6600 Datasheet
1Mb / 40P
   6.6 MP CMOS Image Sensor
logo
ON Semiconductor
NOII4SM6600A ONSEMI-NOII4SM6600A Datasheet
648Kb / 34P
   6.6 Megapixel CMOS Image Sensor
February, 2013 ??Rev. 14
NOII4SM6600A ONSEMI-NOII4SM6600A_16 Datasheet
648Kb / 33P
   6.6 Megapixel CMOS Image Sensor
December, 2016 ??Rev. 15
logo
Cypress Semiconductor
LUPA-4000 CYPRESS-LUPA-4000_07 Datasheet
1Mb / 38P
   4M Pixel CMOS Image Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com