Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

IBIS4-6600 Datasheet(PDF) 29 Page - Cypress Semiconductor

No. de pieza IBIS4-6600
Descripción Electrónicos  High resolution 6.6 M Pixel Rolling shutter CMOS Image sensor
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CYPRESS [Cypress Semiconductor]
Página de inicio  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

IBIS4-6600 Datasheet(HTML) 29 Page - Cypress Semiconductor

Back Button IBIS4-6600 Datasheet HTML 25Page - Cypress Semiconductor IBIS4-6600 Datasheet HTML 26Page - Cypress Semiconductor IBIS4-6600 Datasheet HTML 27Page - Cypress Semiconductor IBIS4-6600 Datasheet HTML 28Page - Cypress Semiconductor IBIS4-6600 Datasheet HTML 29Page - Cypress Semiconductor IBIS4-6600 Datasheet HTML 30Page - Cypress Semiconductor IBIS4-6600 Datasheet HTML 31Page - Cypress Semiconductor IBIS4-6600 Datasheet HTML 32Page - Cypress Semiconductor IBIS4-6600 Datasheet HTML 33Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 63 page
background image
IBIS4-6600
Datasheet
Cypress Semiconductor Corporation
3901 North First Street
San Jose, CA 95134
408-943-2600
Contact: info@Fillfactory.com
Document #: 38-05708 Rev.**(Revision 1.3 )
Page 29 of 63
Register
Bit
Name
Description
10
BLACK
0 = normal mode
1 = disconnects column amplifiers from busses,
output of amplifier equals dark reference level
11
RESET_ALL
0 = normal mode
1 = continuous reset of all pixels
1 (0001)
10:0
NROF_PIXELS
Number of pixels to count (X direction).
Max. 2222/2 (2210 real + 12 dummy pixels).
Default value <10:0>:”01000000000”
2 (0010)
11:0
NROF_LINES
Number of lines to count (Y direction).
Max. 3014 (3002 real + 12 dummy pixels).
Default value <11:0>:”101111000110”
3 (0011)
11:0
INT_TIME
Integration time.
Default value <11:0>:”000000000001”
7:0
DELAY
Delay of sequencer pulses
Default value <7:0>:”00000011”
0:3
DELAY_PIX_VALID
Delay of PIX_VALID pulse
4 (0100)
4:7
DELAY_EOL/EOF
Delay of EOL/EOF pulses
5 (0101)
6:0
X_REG
X start position (0 to 98).
Default value <6:0>:”0000000”
6 (0110)
7:0
Y_REG
Y start position (0 to 137).
Default value <7:0>:”00000000”
7:0
IMAGE CORE register
Default value <7:0>:”00000000”
1:0
TEST_mode
LSB: odd, MSB: even
0 = normal operation
4:2
X_SUBSAMPLE
sub-sampling mode in X-direction
7 (0111)
7:5
Y_SUBSAMPLE
sub-sampling mode in X-direction
9:0
AMPLIFIER register
Default value <9:0>:”0000010000”
3:0
GAIN<3:0>
Output amplifier gain setting
4
UNITY
0 = gain setting by GAIN<3:0>
1 = unity gain setting
5
ONE_OUT
0 = two analog outputs
1 = multiplexing to one output (out_1)
6
STANDBY
0 = normal operation
1 = amplifier in standby mode.
8 (1000)
7:9
DELAY_CLK_AMP
Delay of pixel clock to output amplifier.
9 (1001)
7:0
DAC_RAW_REG
Amplifier DAC raw offset.
Default value <7:0>:”10000000”
10 (1010)
7:0
DAC_FINE_REG
Amplifier DAC fine offset.
Default value <7:0>:”10000000”
11 (1011)
7:0
DAC_DARK_REG
DAC dark reference on output bus.
Default value <7:0>:”10000000”
10:0
ADC register
Default value <10:0>:”00000000000”
0
STANDBY_1
0 = normal operation
1 = ADC in standby
1
STANDBY_2
2
ONE
0 = multiplexing of two ADC outputs
1 = disable multiplexing
12 (1100)
3
SWITCH
if ONE = 0: delay of output with one
(EXT_CLK = 0) or half (EXT_CLK = 1) clock
cycle
if ONE = 1: switch between two ADCs


Número de pieza similar - IBIS4-6600

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cypress Semiconductor
IBIS4-6600 CYPRESS-IBIS4-6600_09 Datasheet
937Kb / 35P
   6.6 MP CMOS Image Sensor
More results

Descripción similar - IBIS4-6600

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cypress Semiconductor
IBIS4-1300 CYPRESS-IBIS4-1300 Datasheet
1Mb / 37P
   1.3 MPxl Rolling Shutter CMOS Image Sensor
IBIS4-1300 CYPRESS-IBIS4-1300_09 Datasheet
1Mb / 37P
   1.3 MPxl Rolling Shutter CMOS Image Sensor
CYII4SM1300AA CYPRESS-CYII4SM1300AA Datasheet
1Mb / 35P
   IBIS4-1300 1.3 MPxl Rolling Shutter CMOS Image Sensor
logo
ON Semiconductor
NOIM1SM9600A ONSEMI-NOIM1SM9600A Datasheet
569Kb / 66P
   MANO 9600 9.6 MegaPixel Rolling Shutter CMOS Image Sensor
February, 2014 ??Rev. P0
logo
Cypress Semiconductor
LUPA-1300 CYPRESS-LUPA-1300 Datasheet
631Kb / 48P
   1.3 M Pixel High Speed CMOS Image Sensor
IBIS4-6600 CYPRESS-IBIS4-6600_09 Datasheet
937Kb / 35P
   6.6 MP CMOS Image Sensor
IBIS4-A-6600 CYPRESS-IBIS4-A-6600 Datasheet
1Mb / 40P
   6.6 MP CMOS Image Sensor
logo
ON Semiconductor
NOII4SM6600A ONSEMI-NOII4SM6600A Datasheet
648Kb / 34P
   6.6 Megapixel CMOS Image Sensor
February, 2013 ??Rev. 14
NOII4SM6600A ONSEMI-NOII4SM6600A_16 Datasheet
648Kb / 33P
   6.6 Megapixel CMOS Image Sensor
December, 2016 ??Rev. 15
logo
Cypress Semiconductor
LUPA-4000 CYPRESS-LUPA-4000_07 Datasheet
1Mb / 38P
   4M Pixel CMOS Image Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com