Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

IBIS4-6600 Datasheet(PDF) 31 Page - Cypress Semiconductor

No. de pieza IBIS4-6600
Descripción Electrónicos  High resolution 6.6 M Pixel Rolling shutter CMOS Image sensor
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CYPRESS [Cypress Semiconductor]
Página de inicio  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

IBIS4-6600 Datasheet(HTML) 31 Page - Cypress Semiconductor

Back Button IBIS4-6600 Datasheet HTML 27Page - Cypress Semiconductor IBIS4-6600 Datasheet HTML 28Page - Cypress Semiconductor IBIS4-6600 Datasheet HTML 29Page - Cypress Semiconductor IBIS4-6600 Datasheet HTML 30Page - Cypress Semiconductor IBIS4-6600 Datasheet HTML 31Page - Cypress Semiconductor IBIS4-6600 Datasheet HTML 32Page - Cypress Semiconductor IBIS4-6600 Datasheet HTML 33Page - Cypress Semiconductor IBIS4-6600 Datasheet HTML 34Page - Cypress Semiconductor IBIS4-6600 Datasheet HTML 35Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 63 page
background image
IBIS4-6600
Datasheet
Cypress Semiconductor Corporation
3901 North First Street
San Jose, CA 95134
408-943-2600
Contact: info@Fillfactory.com
Document #: 38-05708 Rev.**(Revision 1.3 )
Page 31 of 63
MODE 1
In this mode, the sensor is readout in the same way as for non-destructive readout.
However, electronic shutter control is not possible in this case, i.e. the minimal
(integration) time between two readings is equal to the number of lines that has to be
read out (frame read time). The row lines are clocked simultaneously (left and right
clock pulses are equal).
MODE 2
In mode 2, it is possible to have a shorter integration time than the frame read time.
Rows are alternating read out with the left and right pointer. These two pointers can
point to two different rows (see INT_TIME register). The (integration) time between
two readings of the same row is equal to the number of lines that is set in the
INT_TIME register times 2 plus 1 and is minimal 1 line read time. In setting 3, the row
that is read out by the left pointer is reset and read out (first Y_CLOCK), the row that is
read out by the right pointer is read out without resetting (second Y_CLOCK). In
setting 4, both rows are read out without resetting (on the first Y_CLOCK the row is
read out by the left pointer; on the second Y_CLOCK the row is read out by the right
pointer).
For both modes, the signals are read out through the same path as with destructive
readout (double sampling) but the busses that are carrying the reset signals in
destructive readout, are in non-destructive readout set to the voltage given by
DAC_DARK.
3.9.2.a.3
Reset_black (bit 3)
If RESET_BLACK is set to 1, each line is reset before it is read out (except for the row
that is read out by the right pointer in NDR mode 2). This might be useful to obtain
black pixels.
3.9.2.a.4
Fast_reset (bit 4)
The fast reset option (FAST_RESET = 1) might be useful in case a camera shutter is
used. The fast reset is done on a row-by-row basis, not by a global reset. A global
reset means charging all the pixels at the same time, which may result in a huge peak
current. Therefore, the rows can be scanned rapidly while the left and right shift
registers are both controlled identically, so that the reset lines over the pixel array are
driven from both sides. This reduces the reset (row blanking) time (when FAST_RESET
= 1 the smallest X-granularity can be used). After the row blanking time the row is
reset and Y_CLOCK can be asserted to reset the next row.


Número de pieza similar - IBIS4-6600

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cypress Semiconductor
IBIS4-6600 CYPRESS-IBIS4-6600_09 Datasheet
937Kb / 35P
   6.6 MP CMOS Image Sensor
More results

Descripción similar - IBIS4-6600

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cypress Semiconductor
IBIS4-1300 CYPRESS-IBIS4-1300 Datasheet
1Mb / 37P
   1.3 MPxl Rolling Shutter CMOS Image Sensor
IBIS4-1300 CYPRESS-IBIS4-1300_09 Datasheet
1Mb / 37P
   1.3 MPxl Rolling Shutter CMOS Image Sensor
CYII4SM1300AA CYPRESS-CYII4SM1300AA Datasheet
1Mb / 35P
   IBIS4-1300 1.3 MPxl Rolling Shutter CMOS Image Sensor
logo
ON Semiconductor
NOIM1SM9600A ONSEMI-NOIM1SM9600A Datasheet
569Kb / 66P
   MANO 9600 9.6 MegaPixel Rolling Shutter CMOS Image Sensor
February, 2014 ??Rev. P0
logo
Cypress Semiconductor
LUPA-1300 CYPRESS-LUPA-1300 Datasheet
631Kb / 48P
   1.3 M Pixel High Speed CMOS Image Sensor
IBIS4-6600 CYPRESS-IBIS4-6600_09 Datasheet
937Kb / 35P
   6.6 MP CMOS Image Sensor
IBIS4-A-6600 CYPRESS-IBIS4-A-6600 Datasheet
1Mb / 40P
   6.6 MP CMOS Image Sensor
logo
ON Semiconductor
NOII4SM6600A ONSEMI-NOII4SM6600A Datasheet
648Kb / 34P
   6.6 Megapixel CMOS Image Sensor
February, 2013 ??Rev. 14
NOII4SM6600A ONSEMI-NOII4SM6600A_16 Datasheet
648Kb / 33P
   6.6 Megapixel CMOS Image Sensor
December, 2016 ??Rev. 15
logo
Cypress Semiconductor
LUPA-4000 CYPRESS-LUPA-4000_07 Datasheet
1Mb / 38P
   4M Pixel CMOS Image Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com