Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

IBIS4-6600 Datasheet(PDF) 32 Page - Cypress Semiconductor

No. de pieza IBIS4-6600
Descripción Electrónicos  High resolution 6.6 M Pixel Rolling shutter CMOS Image sensor
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CYPRESS [Cypress Semiconductor]
Página de inicio  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

IBIS4-6600 Datasheet(HTML) 32 Page - Cypress Semiconductor

Back Button IBIS4-6600 Datasheet HTML 28Page - Cypress Semiconductor IBIS4-6600 Datasheet HTML 29Page - Cypress Semiconductor IBIS4-6600 Datasheet HTML 30Page - Cypress Semiconductor IBIS4-6600 Datasheet HTML 31Page - Cypress Semiconductor IBIS4-6600 Datasheet HTML 32Page - Cypress Semiconductor IBIS4-6600 Datasheet HTML 33Page - Cypress Semiconductor IBIS4-6600 Datasheet HTML 34Page - Cypress Semiconductor IBIS4-6600 Datasheet HTML 35Page - Cypress Semiconductor IBIS4-6600 Datasheet HTML 36Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 63 page
background image
IBIS4-6600
Datasheet
Cypress Semiconductor Corporation
3901 North First Street
San Jose, CA 95134
408-943-2600
Contact: info@Fillfactory.com
Document #: 38-05708 Rev.**(Revision 1.3 )
Page 32 of 63
After a certain integration time, the read out can be done in a similar way. The Y shift
registers are again synchronized to the first row. Both shift registers are driven
identically, and all rows & columns are scanned for (destructive) readout.
FAST_RESET = 1 puts the sequencer in such mode that the left and right shift registers
are both controlled identically.
3.9.2.a.5
Output amplifier calibration (bit 5 and 6)
Bits FRAME_CAL_MODE and LINE_CAL_MODE define the calibration mode of the
output amplifier.
During every row-blanking period, a calibration is done of the output amplifier.
There are 2 calibration modes. The FAST mode (= 0) can force a calibration in one
cycle but is not so accurate and suffers from kTC noise, while the SLOW mode (= 1)
can only make incremental adjustments and is noise free. Approximately 200 or more
“slow” calibrations will have the same effect as 1 “fast” calibration.
Different calibration modes can be set at the beginning of the frame
(FRAME_CAL_MODE bit) and for every subsequent row that is read (LINE_CAL_MODE
bit).
3.9.2.a.6
Continuous charge (bit 7)
For some applications it might be necessary to use continuous charging of the pixel
columns instead of a precharge on every row sample operation.
Setting bit CONT_CHARGE to 1 will activate this function. The resistor connected to
pin CMD_COL is used to control the current level on every pixel column.
3.9.2.a.7
Internal clock granularities
The system clock is divided several times on chip.
The X-shift-register that controls the column/pixel read out, is clocked by half the
system clock rate. Odd and even pixel columns are switched to 2 separate buses. In
the output amplifier the pixel signals on the 2 busses can be combined to one pixel
stream at 40 MHz.
The clock that drives the X-sequencer can be a multiple of 2, 4, 8 or 16 times the
system clock. Table 14 shows the settings for the granularity of the X-sequencer clock
and the corresponding row blanking time (for NDR = 0). A row blanking time of 7.18
µs is the baseline for almost all applications.
Table 14: Granularity of X-sequencer clock and corresponding row blanking time (for NDR = 0).
Gran_x_seq_msb/lsb
X-sequencer
Row blanking
Row blanking time
00
2 x sys_clock
142 x TSYS_CLOCK
3.55


Número de pieza similar - IBIS4-6600

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cypress Semiconductor
IBIS4-6600 CYPRESS-IBIS4-6600_09 Datasheet
937Kb / 35P
   6.6 MP CMOS Image Sensor
More results

Descripción similar - IBIS4-6600

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cypress Semiconductor
IBIS4-1300 CYPRESS-IBIS4-1300 Datasheet
1Mb / 37P
   1.3 MPxl Rolling Shutter CMOS Image Sensor
IBIS4-1300 CYPRESS-IBIS4-1300_09 Datasheet
1Mb / 37P
   1.3 MPxl Rolling Shutter CMOS Image Sensor
CYII4SM1300AA CYPRESS-CYII4SM1300AA Datasheet
1Mb / 35P
   IBIS4-1300 1.3 MPxl Rolling Shutter CMOS Image Sensor
logo
ON Semiconductor
NOIM1SM9600A ONSEMI-NOIM1SM9600A Datasheet
569Kb / 66P
   MANO 9600 9.6 MegaPixel Rolling Shutter CMOS Image Sensor
February, 2014 ??Rev. P0
logo
Cypress Semiconductor
LUPA-1300 CYPRESS-LUPA-1300 Datasheet
631Kb / 48P
   1.3 M Pixel High Speed CMOS Image Sensor
IBIS4-6600 CYPRESS-IBIS4-6600_09 Datasheet
937Kb / 35P
   6.6 MP CMOS Image Sensor
IBIS4-A-6600 CYPRESS-IBIS4-A-6600 Datasheet
1Mb / 40P
   6.6 MP CMOS Image Sensor
logo
ON Semiconductor
NOII4SM6600A ONSEMI-NOII4SM6600A Datasheet
648Kb / 34P
   6.6 Megapixel CMOS Image Sensor
February, 2013 ??Rev. 14
NOII4SM6600A ONSEMI-NOII4SM6600A_16 Datasheet
648Kb / 33P
   6.6 Megapixel CMOS Image Sensor
December, 2016 ??Rev. 15
logo
Cypress Semiconductor
LUPA-4000 CYPRESS-LUPA-4000_07 Datasheet
1Mb / 38P
   4M Pixel CMOS Image Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com