Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

3302 Datasheet(PDF) 1 Page - Voltage Multipliers Inc.

No. de Pieza. 3302
Descripción  200 V - 1,000 V Three Phase Bridge 9.0 A - 10.0 A Forward Current 70 ns - 3000 ns Recovery Time
Descarga  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  VMI [Voltage Multipliers Inc.]
Página de inicio  http://www.voltagemultipliers.com
Logo 

3302 Datasheet(HTML) 1 Page - Voltage Multipliers Inc.

   
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
255
VOLTAGE MULTIPLIERS INC.
8711 W. Roosevelt Ave.
Visalia, CA 93291
TEL
559-651-1402
FAX
559-651-0740
www.voltagemultipliers.com
11
.22(5.59)
.31
(7.87)
1.25(31.75)
.75
(19.05)
.38(9.65)
Aluminum Case
4-40 THRU
(2 PL)
.25(6.35)
.45(11.43)
MAX.
1.062(27.0)
.094(2.39)
.31(7.9)
.28(7.11)
.19(4.8) (2 PL)
AC AC
+
AC
_
AC
AC
AC
_
+
ELECTRICAL CHARACTERISTICS AND MAXIMUM RATINGS
Dimensions: In. (mm) • All temperatures are ambient unless otherwise noted. • Data subject to change without notice.
(1)Trr Testing: If=0.5A, Ir=1.0A, Irr=0.25A *Op. Temp. & Stg. Temp. = -55°C to +150°C Isolation Voltage: 1500V
200 V - 1,000 V Three Phase Bridge
9.0 A - 10.0 A Forward Current
70 ns - 3000 ns Recovery Time
3302 - 3310
3302F - 3310F
3302UF - 3310UF
r
e
b
m
u
N
t
r
a
Pg
n
i
k
r
o
W
e
s
r
e
v
e
R
e
g
a
t
l
o
V
)
m
w
r
V
(
e
g
a
r
e
v
A
d
e
i
f
i
t
c
e
R
t
n
e
r
r
u
C
C
T
@
)
o
I
(
e
s
r
e
v
e
R
t
n
e
r
r
u
C
m
w
r
V
@
)
r
I
(
d
r
a
w
r
o
F
e
g
a
t
l
o
V
)
f
V
(
e
l
c
y
C
1
e
g
r
u
S
t
n
e
r
r
u
C
s
m
3
.
8
=
p
t
)
m
s
f
I
(
e
v
i
t
i
t
e
p
e
R
e
g
r
u
S
t
n
e
r
r
u
C
)
m
r
f
I
(
e
s
r
e
v
e
R
y
r
e
v
o
c
e
R
e
m
i
T
)
1
(
)
r
r
T
(
l
a
m
r
e
h
T
.
d
p
m
I
u C-
J
C
°
5
5C
°
0
0
1C
°
5
2C
°
0
0
1C
°
5
2C
°
5
2C
°
5
2C
°
5
2
s
t
l
o
Vs
p
m
As
p
m
AA
µA
µs
t
l
o
Vs
p
m
As
p
m
As
p
m
As
nW
/
C
°
2
0
3
3
6
0
3
3
0
1
3
3
0
0
2
0
0
6
0
0
0
1
0
.
0
1
0
.
0
1
0
.
0
1
0
.
7
0
.
7
0
.
7
0
.
1
0
.
1
0
.
1
5
2
5
2
5
2
1
.
1
1
.
1
2
.
1
0
.
3
0
.
3
0
.
3
0
0
1
0
0
1
0
0
1
5
2
5
2
5
2
0
0
0
3
0
0
0
3
0
0
0
3
2
.
4
2
.
4
2
.
4
F
2
0
3
3
F
6
0
3
3
F
0
1
3
3
0
0
2
0
0
6
0
0
0
1
0
.
0
1
0
.
0
1
0
.
0
1
0
.
7
0
.
7
0
.
7
0
.
1
0
.
1
0
.
1
5
2
5
2
5
2
2
.
1
5
.
1
5
.
1
0
.
3
0
.
3
0
.
3
0
0
1
0
0
1
0
0
1
0
2
0
2
0
2
0
5
1
0
5
1
0
5
1
2
.
4
2
.
4
2
.
4
F
U
2
0
3
3
F
U
6
0
3
3
F
U
0
1
3
3
0
0
2
0
0
6
0
0
0
1
0
.
9
0
.
9
0
.
9
5
.
6
5
.
6
5
.
6
0
.
1
0
.
1
0
.
1
5
2
5
2
5
2
7
.
1
7
.
1
7
.
1
0
.
3
0
.
3
0
.
3
0
0
1
0
0
1
0
0
1
0
2
0
2
0
2
0
7
0
7
0
7
2
.
4
2
.
4
2
.
4


Html Pages

1  2 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn