Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

TC7MA157FK Datasheet(PDF) 5 Page - Toshiba Semiconductor

No. de Pieza. TC7MA157FK
Descripción  Low Voltage Quad 2-Channel Multiplexer with 3.6 V Tolerant Inputs and Outputs
Descarga  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  TOSHIBA [Toshiba Semiconductor]
Página de inicio  http://www.semicon.toshiba.co.jp/eng
Logo 

TC7MA157FK Datasheet(HTML) 5 Page - Toshiba Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
TC7MA157FK
2003-03-01
5
DC Characteristics (Ta
==== ----40~85°C, 2.3 V <<<<==== VCC <<<<==== 2.7 V)
Characteristics
Symbol
Test Condition
VCC (V)
Min
Max
Unit
High level
VIH
¾
2.3~2.7
1.6
¾
Input voltage
Low level
VIL
¾
2.3~2.7
¾
0.7
V
IOH = -100 mA
2.3~2.7
VCC
- 0.2
¾
IOH = -6 mA
2.3
2.0
¾
IOH = -12 mA
2.3
1.8
¾
High level
VOH
VIN = VIH or VIL
IOH = -18 mA
2.3
1.7
¾
IOL = 100 mA
2.3~2.7
¾
0.2
IOL = 12 mA
2.3
¾
0.4
Output voltage
Low level
VOL
VIN = VIH or VIL
IOL = 18 mA
2.3
¾
0.6
V
Input leakage current
IIN
VIN = 0~3.6 V
2.3~2.7
¾
±5.0
mA
Power off leakage current
IOFF
VIN, VOUT = 0~3.6 V
0
¾
10.0
mA
VIN = VCC or GND
2.3~2.7
¾
20.0
Quiescent supply current
ICC
VCC <= VIN <= 3.6 V
2.3~2.7
¾
±20.0
mA
DC Characteristics (Ta
==== ----40~85°C, 1.65 V <<<<==== VCC <<<< 2.3 V)
Characteristics
Symbol
Test Condition
VCC (V)
Min
Max
Unit
High level
VIH
¾
1.65~2.3 0.65 ´
VCC
¾
Input voltage
Low level
VIL
¾
1.65~2.3
¾
0.2
´
VCC
V
IOH = -100 mA
1.65~2.3
VCC
- 0.2
¾
High level
VOH
VIN = VIH or VIL
IOH = -6 mA
1.65
1.25
¾
IOL = 100 mA
1.65~2.3
¾
0.2
Output voltage
Low level
VOL
VIN = VIH or VIL
IOL = 6 mA
1.65
¾
0.3
V
Input leakage current
IIN
VIN = 0~3.6 V
1.65~2.3
¾
±5.0
mA
Power off leakage current
IOFF
VIN, VOUT = 0~3.6 V
0
¾
10.0
mA
VIN = VCC or GND
1.65~2.3
¾
20.0
Quiescent supply current
ICC
VCC <= VIN <= 3.6 V
1.65~2.3
¾
±20.0
mA


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn