Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

TC7MA157FK Datasheet(PDF) 7 Page - Toshiba Semiconductor

No. de Pieza. TC7MA157FK
Descripción  Low Voltage Quad 2-Channel Multiplexer with 3.6 V Tolerant Inputs and Outputs
Descarga  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  TOSHIBA [Toshiba Semiconductor]
Página de inicio  http://www.semicon.toshiba.co.jp/eng
Logo 

TC7MA157FK Datasheet(HTML) 7 Page - Toshiba Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
TC7MA157FK
2003-03-01
7
AC Characteristics (Ta
==== ----40~85°C, Input: tr ==== tf ==== 2.0 ns)
Characteristics
Symbol
Test Condition
VCC (V)
Min
Max
Unit
1.2
3.0
35.0
CL = 15 pF, RL = 2 kΩ
1.5
± 0.1
2.0
14.0
1.8
± 0.15
1.5
7.0
2.5
± 0.2
0.8
3.5
Propagation delay time
(A, B-Y)
tpLH
tpHL
Figure 1, Figure 2
CL = 30 pF, RL = 500 Ω
3.3
± 0.3
0.6
3.0
ns
1.2
3.0
45.0
CL = 15 pF, RL = 2 kΩ
1.5
± 0.1
2.0
18.0
1.8
± 0.15
1.5
9.0
2.5
± 0.2
0.8
4.5
Propagation delay time
(SELECT-Y)
tpLH
tpHL
Figure 1, Figure 2
CL = 30 pF, RL = 500 Ω
3.3
± 0.3
0.6
3.5
ns
1.2
3.0
45.0
CL = 15 pF, RL = 2 kΩ
1.5
± 0.1
2.0
18.0
1.8
± 0.15
1.5
9.0
2.5
± 0.2
0.8
4.5
Propagation delay time
( ST -Y)
tpLH
tpHL
Figure 1, Figure 2
CL = 30 pF, RL = 500 Ω
3.3
± 0.3
0.6
3.5
ns
1.2
¾
1.5
CL = 15 pF, RL = 2 kΩ
1.5
± 0.1
¾
1.5
1.8
± 0.15
¾
0.5
2.5
± 0.2
¾
0.5
Output to output skew
tosLH
tosHL
(Note11)
CL = 30 pF, RL = 500 Ω
3.3
± 0.3
¾
0.5
ns
For CL
= 50 pF, add approximately 300 ps to the AC maximum specification.
Note11: This parameter is guaranteed by design.
(tosLH = |tpLHm - tpLHn|, tosHL = |tpHLm - tpHLn|)


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn