Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

TC7MA157FK Datasheet(PDF) 1 Page - Toshiba Semiconductor

No. de Pieza. TC7MA157FK
Descripción  Low Voltage Quad 2-Channel Multiplexer with 3.6 V Tolerant Inputs and Outputs
Descarga  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  TOSHIBA [Toshiba Semiconductor]
Página de inicio  http://www.semicon.toshiba.co.jp/eng
Logo 

TC7MA157FK Datasheet(HTML) 1 Page - Toshiba Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
TC7MA157FK
2003-03-01
1
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC7MA157FK
Low Voltage Quad 2-Channel Multiplexer with 3.6 V Tolerant Inputs and Outputs
The TC7MA157FK is a high performance CMOS multiplexer
which is guaranteed to operate from 1.2-V to 3.6-V. Designed for
use in 1.5 V, 1.8 V, 2.5 V or 3.3 V systems, it achieves high. speed
operation while maintaining the CMOS low power dissipation.
It is also designed with over voltage tolerant inputs and
outputs up to 3.6 V.
It consists of four 2-input digital multiplexers with common
select and strobe inputs.
When the ST input is held “H” level, selection of data is
inhibited and all the outputs become “L” level. The SELECT
decoding determines whether the A or B inputs get routed to their
corresponding Y outputs.
All inputs are equipped with protection circuits against static
discharge.
Features
· Low voltage operation: VCC = 1.2~3.6 V
· High speed operation: tpd = 3.0 ns (max) (VCC = 3.0~3.6 V)
tpd = 3.5 ns (max) (VCC = 2.3~2.7 V)
tpd = 7.0 ns (max) (VCC = 1.65~1.95 V)
tpd = 14.0 ns (max) (VCC = 1.4~1.6 V)
tpd = 35.0 ns (max) (VCC = 1.2 V)
· 3.6 V tolerant inputs and outputs.
· Output current: IOH/IOL = ±24 mA (min) (VCC = 3.0 V)
IOH/IOL = ±18 mA (min) (VCC = 2.3 V)
IOH/IOL = ±6 mA (min) (VCC = 1.65 V)
IOH/IOL = ±2 mA (min) (VCC = 1.4 V)
· Latch-up performance: ±300 mA
· ESD performance: Machine model > ±200 V
Human body model > ±2000 V
· Package: VSSOP (US16)
· Power down protection is provided on all inputs and outputs.
Weight: 0.02 g (typ.)


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn