Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

ZL50062 Datasheet(PDF) 35 Page - Zarlink Semiconductor Inc

No. de Pieza. ZL50062
Descripción  16K-Channel Digital Switch with High Jitter Tolerance, Single Rate (2, 4, 8, or 16Mbps), and 64 Inputs and 64 Outputs
Descarga  68 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  ZARLINK [Zarlink Semiconductor Inc]
Página de inicio  http://www.zarlink.com
Logo 

ZL50062 Datasheet(HTML) 35 Page - Zarlink Semiconductor Inc

Zoom Inzoom in Zoom Outzoom out
 35 / 68 page
background image
ZL50062/4
Data Sheet
35
Zarlink Semiconductor Inc.
11.4
Backplane Connection Memory Bit Definition
The Backplane Connection Memory (BCM) has 8,192 addresses of 16-bit words. Each address, accessed through
bits A13-A0 of the microprocessor port, is allocated to an individual Backplane output stream and channel. The bit
definition for each 16-bit word is presented in Table 11 for Source-to-Backplane connections.
The most-significant bit in the memory location, BSRC, selects the switch configuration for Local-to-Backplane or
Backplane-to-Backplane. When the per-channel Message Mode is selected (BMM memory bit = HIGH), the lower
byte of the BCM word (BCAB[7:0]) will be transmitted as data on the output stream (BSTo0-31) in place of data
defined by the Source Control, Stream and Channel Address bits.
Bit
Name
Description
15
LSRC
Local Source Control Bit
When LOW, the source is from the Backplane input port (Backplane Data Memory).
When HIGH, the source is from the Local input port (Local Data Memory).
Ignored when LMM is set HIGH.
14
LMM
Local Message Mode Bit
When LOW, the channel is in Connection Mode (data to be output on channel originated in
Local or Backplane Data Memory).
When HIGH, the channel is in Message Mode (data to be output on channel originated in
Local Connection Memory).
13
LE
Local Output Enable Bit
When LOW, the channel may be high impedance, either at the device output, or set by an
external buffer dependent upon the LORS pin.
When HIGH, the channel is active.
12:8
LSAB[4:0]
Source Stream Address Bits
The binary value of these 5 bits represents the input stream number.
Ignored when LMM is set HIGH.
7:0
LCAB[7:0]
Source Channel Address Bits / Message Mode Data
The binary value of these 8 bits represents the input channel number when LMM is set
LOW.
Transmitted as data when LMM is set HIGH.
Note: When LMM is set HIGH, in both ST-BUS and GCI-Bus modes, the LCAB[7:0] bits are
output sequentially to the timeslot with LCAB[7] being output first.
Table 10 - LCM Bits for Source-to-Local Switching
Bit
Name
Description
15
BSRC
Backplane Source Control Bit
When LOW, the source is from the Local input port (Local Data Memory).
When HIGH, the source is from the Backplane input port (Backplane Data Memory).
Ignored when BMM is set HIGH.
14
BMM
Backplane Message Mode Bit
When LOW, the channel is in Connection Mode (data to be output on channel originated in
Backplane or Local Data Memory).
When HIGH, the channel is in Message Mode (data to be output on channel originated in
Backplane Connection Memory).
Table 11 - BCM Bits for Source-to-Backplane Switching


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn