Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

ZL50062 Datasheet(PDF) 44 Page - Zarlink Semiconductor Inc

No. de Pieza. ZL50062
Descripción  16K-Channel Digital Switch with High Jitter Tolerance, Single Rate (2, 4, 8, or 16Mbps), and 64 Inputs and 64 Outputs
Descarga  68 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  ZARLINK [Zarlink Semiconductor Inc]
Página de inicio  http://www.zarlink.com
Logo 

ZL50062 Datasheet(HTML) 44 Page - Zarlink Semiconductor Inc

Zoom Inzoom in Zoom Outzoom out
 44 / 68 page
background image
ZL50062/4
Data Sheet
44
Zarlink Semiconductor Inc.
13.4
Backplane Input Bit Delay Registers (BIDR0 to BIDR31)
Addresses 0063H to 0082H
There are thirty-two Backplane Input Delay Registers (BIDR0 to BIDR31).
When the SMPL_MODE bit in the Control Register is LOW, the input data sampling point defaults to the 3/4 bit
location and BIDR0 to BIDR31 define the input bit and fractional bit delay of each Backplane stream. The possible
bit delay adjustment is up to 73/4 bits, in steps of
1/
4 bit.
When the SMPL_MODE bit is HIGH, BIDR0 to BIDR31 define the input bit sampling point as well as the integer bit
delay of each Backplane stream. The input bit sampling point can be adjusted in 1/4 bit increments. The bit delay
can be adjusted in 1-bit increments from 0 to 7 bits.
The BIDR0 to BIDR31 registers are configured as follows:
Table 17 - Backplane Input Bit Delay Register (BIDRn) Bits
11100
7
7
3/4
11101
7 1/4
7
4/4
11110
7 1/2
7
1/4
11111
7 3/4
7
2/4
BIDRn Bit
(where n = 0 to 31)
Name
Reset
Value
Description
15:5
Reserved
0
Reserved
Must be set to 0 for normal operation
4:0
BID[4:0]
0
Backplane Input Bit Delay Register
When SMPL_MODE = LOW, the binary value of these
bits refers to the input bit and fractional bit delay value (0
to 73/4).
When SMPL_MODE = HIGH, the binary value of BID[1:0]
refers to the input bit sampling point (1/4 to
4/
4). BID[4:2]
refer to the integer bit delay value (0 to 7 bits).
LIDn
SMPL_MODE
= LOW
SMPL_MODE
= HIGH
LID4
LID3
LID2
LID1
LID0
Input Data
Bit Delay
Input Data
Bit Delay
Input Data
Sampling
Point
Table 16 - Local Input Bit Delay and Sampling Point Programming Table (continued)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn