Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

ZL50062 Datasheet(PDF) 50 Page - Zarlink Semiconductor Inc

No. de Pieza. ZL50062
Descripción  16K-Channel Digital Switch with High Jitter Tolerance, Single Rate (2, 4, 8, or 16Mbps), and 64 Inputs and 64 Outputs
Descarga  68 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  ZARLINK [Zarlink Semiconductor Inc]
Página de inicio  http://www.zarlink.com
Logo 

ZL50062 Datasheet(HTML) 50 Page - Zarlink Semiconductor Inc

Zoom Inzoom in Zoom Outzoom out
 50 / 68 page
background image
ZL50062/4
Data Sheet
50
Zarlink Semiconductor Inc.
14.0
DC Electrical Characteristics
* Exceeding these values may cause permanent damage. Functional operation under these conditions is not implied.
Voltages are with respect to ground (VSS) unless otherwise stated.
Absolute Maximum Ratings*
Parameter
Symbol
Min
Max
Units
1
Core Supply Voltage
VDD_CORE
-0.5
2.5
V
2
I/O Supply Voltage
VDD_IO
-0.5
5.0
V
3
PLL Supply Voltage
VDD_PLL
-0.5
2.5
V
4
Input Voltage (non-5V tolerant inputs)
VI
-0.5
VDD_IO
+0.5
V
5
Input Voltage (5V tolerant inputs)
VI_5V
-0.5
7.0
V
6
Continuous Current at digital outputs
Io
15
mA
7
Package power dissipation
PD
1.5
W
8
Storage temperature
TS
- 55
+125
°C
Recommended Operating Conditions
Characteristics
Sym
Min
Typ
Max
Units
1
Operating Temperature
TOP
-40
25
+85
°C
2
Positive Supply
VDD_IO
3.0
3.3
3.6
V
3
Positive Supply
VDD_CORE
1.71
1.8
1.89
V
4
Positive Supply
VDD_PLL
1.71
1.8
1.89
V
5
Input Voltage
VI
0VDD_IO
V
6
Input Voltage on 5V Tolerant Inputs
VI_5V
05.5
V


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn