Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

ZL50062 Datasheet(PDF) 51 Page - Zarlink Semiconductor Inc

No. de Pieza. ZL50062
Descripción  16K-Channel Digital Switch with High Jitter Tolerance, Single Rate (2, 4, 8, or 16Mbps), and 64 Inputs and 64 Outputs
Descarga  68 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  ZARLINK [Zarlink Semiconductor Inc]
Página de inicio  http://www.zarlink.com
Logo 

ZL50062 Datasheet(HTML) 51 Page - Zarlink Semiconductor Inc

Zoom Inzoom in Zoom Outzoom out
 51 / 68 page
background image
ZL50062/4
Data Sheet
51
Zarlink Semiconductor Inc.
Voltages are with respect to ground (Vss) unless otherwise stated.
Note 1: Maximum leakage on pins (output or I/O pins in high impedance state) is over an applied voltage (V)
DC Electrical Parameters
Characteristics
Sym
Min
Typ
Max
Units
Test Conditions
1a
I
N
P
U
T
S
Supply Current
IDD_Core
4mA
Static IDD_Core and
PLL current
1b
Supply Current
IDD_Core
240
290
mA
Applied clock
C8i = 8.192 MHz
1c
Supply Current
IDD_IO
100
µAStatic I
DD_IO
1d
Supply Current
IDD_IO
14
18
mA
IAV with all output
streams at max.
data rate unloaded
2
Input High Voltage
VIH
2.0
V
3
Input Low Voltage
VIL
0.8
V
4
Input Leakage (input pins)
Input Leakage (bi-directional pins)
IIL
IBL
5
5
µA
µA
0 < V < VDD_IO
Note 1
Weak Pullup Current
IPU
200
µA
Input at 0V
5
Weak Pulldown Current
IPD
200
µA
Input at VDD_IO
6
Input Pin Capacitance
CI
5pF
7O
U
T
P
U
T
S
Output High Voltage
VOH
2.4
V
IOH = 8mA
8
Output Low Voltage
VOL
0.4
V
IOL = 8mA
9
High impedance Leakage
IOZ
5
µA0 < V
0 < VDD_IO
Note 1
10
Output Pin Capacitance
CO
5pF


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn