Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

ZL50062 Datasheet(PDF) 54 Page - Zarlink Semiconductor Inc

No. de Pieza. ZL50062
Descripción  16K-Channel Digital Switch with High Jitter Tolerance, Single Rate (2, 4, 8, or 16Mbps), and 64 Inputs and 64 Outputs
Descarga  68 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  ZARLINK [Zarlink Semiconductor Inc]
Página de inicio  http://www.zarlink.com
Logo 

ZL50062 Datasheet(HTML) 54 Page - Zarlink Semiconductor Inc

Zoom Inzoom in Zoom Outzoom out
 54 / 68 page
background image
ZL50062/4
Data Sheet
54
Zarlink Semiconductor Inc.
Figure 18 - Input and Output Clock Timing Diagram for ST-BUS
tIFPW122
tIFPH122
tIFPS122
CK_int *
tFBFPF8_122
tFPFBF8_122
tFPFB16_61
tOCH8
tOCL8
tOCL16
tOCH16
tOCP8
tOCP16
tfOC8
trOC8
trOC16
tfOC16
tOFBOS
Note *: CK_int is the internal clock signal of 131.072MHz
FP8o
C8o
FP16o
C16o
FP8i
C8i
tICH
tICL
tICP
tfIC
trIC
tFBFPF8_244
tFPFBF8_244
tIFPW244
tIFPH244
tIFPS244
FP8i
FP8o
(244ns)
(122ns)
(244ns)
(122ns)
tOFPW8_122
tOFPW16_61
tFBFPF16_122
tFPFBF16_122
FP16o
(122ns)
tOFPW8_244
tOFPW16_122
(61ns)
tFBFP16_61
Note **: Although the figures above show the frame boundary as measured from the falling edge of C8i/C8o/C16o, the
frame-controlling edge of C8i/C8o/C16o may be the rising edge, as configured via the C8iPOL and COPOL bits of the
Control Register.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn