Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

ZL50062 Datasheet(PDF) 56 Page - Zarlink Semiconductor Inc

No. de Pieza. ZL50062
Descripción  16K-Channel Digital Switch with High Jitter Tolerance, Single Rate (2, 4, 8, or 16Mbps), and 64 Inputs and 64 Outputs
Descarga  68 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  ZARLINK [Zarlink Semiconductor Inc]
Página de inicio  http://www.zarlink.com
Logo 

ZL50062 Datasheet(HTML) 56 Page - Zarlink Semiconductor Inc

Zoom Inzoom in Zoom Outzoom out
 56 / 68 page
background image
ZL50062/4
Data Sheet
56
Zarlink Semiconductor Inc.
Local and Backplane Data Timing
Characteristic
Sym
Min
Typ
Max
Units
Notes
1
Local/Backplane Input Data Sampling Point
tIDS16
tIDS8
tIDS4
tIDS2
43
87
178
357
46
92
183
366
49
97
188
375
ns
With
SMPL_MODE =
0 (3/4-bit
sampling) and
zero offset.
2
Local/Backplane Serial Input Set-up Time
tSIS16
tSIS8
tSIS4
tSIS2
2
2
2
2
ns
With respect to
Min. Input Data
Sampling Point
3
Local/Backplane Serial Input Hold Time
tSIH16
tSIH8
tSIH4
tSIH2
2
2
2
2
ns
With respect to
Max. Input Data
Sampling Point
4
Output Frame Boundary Offset
tOFBOS
79.5
ns
5
Local/Backplane Serial Output Delay
tSOD16
tSOD8
tSOD4
tSOD2
4.5
4.5
4.5
4.5
ns
CL=50pF
These numbers
are referencing
output frame
boundary.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn