Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

ZL50062 Datasheet(PDF) 61 Page - Zarlink Semiconductor Inc

No. de Pieza. ZL50062
Descripción  16K-Channel Digital Switch with High Jitter Tolerance, Single Rate (2, 4, 8, or 16Mbps), and 64 Inputs and 64 Outputs
Descarga  68 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  ZARLINK [Zarlink Semiconductor Inc]
Página de inicio  http://www.zarlink.com
Logo 

ZL50062 Datasheet(HTML) 61 Page - Zarlink Semiconductor Inc

Zoom Inzoom in Zoom Outzoom out
 61 / 68 page
background image
ZL50062/4
Data Sheet
61
Zarlink Semiconductor Inc.
Note 1:
High Impedance is measured by pulling to the appropriate rail with RL, with timing corrected to cancel time taken to discharge
CL.
Figure 24 - Serial Output and External Control
Figure 25 - Output Driver Enable (ODE)
Local and Backplane Output High Impedance Timing
Characteristic
Sym
Min
Typ
Max
Units
Test Conditions
1
STo delay - Active to High-Z
- High-Z to Active
tDZ
tZD
4
4
6
6
ns
ns
RL=1k, CL=50pF, See Note 1
2
Output Driver Enable (ODE)
Delay to Active Data
Output Driver Enable (ODE)
Delay to high impedance
tODE
tODZ
14
14
ns
ns
RL=1k, CL=50pF, See Note 1
RL=1k, CL=50pF, See Note 1
tDZ
STo
tZD
STo
CLK
VTT
VTT
HiZ
Valid Data
VTT
HiZ
Valid Data
VTT
Hi-Z
Hi-Z
STo
ODE
tODZ
tODE
Valid Data
VTT


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn