Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

ZL50062 Datasheet(PDF) 65 Page - Zarlink Semiconductor Inc

No. de Pieza. ZL50062
Descripción  16K-Channel Digital Switch with High Jitter Tolerance, Single Rate (2, 4, 8, or 16Mbps), and 64 Inputs and 64 Outputs
Descarga  68 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  ZARLINK [Zarlink Semiconductor Inc]
Página de inicio  http://www.zarlink.com
Logo 

ZL50062 Datasheet(HTML) 65 Page - Zarlink Semiconductor Inc

 
Zoom Inzoom in Zoom Outzoom out
 65 / 68 page
background image
ZL50062/4
Data Sheet
65
Zarlink Semiconductor Inc.
† Characteristics are over recommended operating conditions unless otherwise stated.
Figure 27 - JTAG Test Port Timing Diagram
AC Electrical Characteristics- JTAG Test Port Timing
Characteristic
Sym
Min
Typ
Max
Units
Notes
1
TCK Clock Period
tTCKP
100
ns
2
TCK Clock Pulse Width High
tTCKH
80
ns
3
TCK Clock Pulse Width Low
tTCKL
80
ns
4
TMS Set-up Time
tTMSS
10
ns
5
TMS Hold Time
tTMSH
10
ns
6
TDi Input Set-up Time
tTDIS
20
ns
7
TDi Input Hold Time
tTDIH
60
ns
8
TDo Output Delay
tTDOD
30
ns
CL=30pF
9TRST pulse width
tTRSTW
200
ns
tTMSH
tTMSS
tTCKL
tTCKH
tTCKP
tTDIS
tTDIH
tTDOD
tTRSTW
TMS
TCK
TDi
TDo
TRST


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn