Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

ZL50062 Datasheet(PDF) 11 Page - Zarlink Semiconductor Inc

No. de Pieza. ZL50062
Descripción  16K-Channel Digital Switch with High Jitter Tolerance, Single Rate (2, 4, 8, or 16Mbps), and 64 Inputs and 64 Outputs
Descarga  68 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  ZARLINK [Zarlink Semiconductor Inc]
Página de inicio  http://www.zarlink.com
Logo 

ZL50062 Datasheet(HTML) 11 Page - Zarlink Semiconductor Inc

Zoom Inzoom in Zoom Outzoom out
 11 / 68 page
background image
ZL50062/4
Data Sheet
11
Zarlink Semiconductor Inc.
FP16o
NA
P11
Frame Pulse Output (5V Tolerant Three-state Output).
When the Frame Pulse Width bit (FPW) of the Control
Register is LOW (default), this pin outputs a 61ns-wide frame
pulse. When the FPW bit is HIGH, this pin outputs a
122ns-wide frame pulse. The frame pulse, running at 8kHz
rate, will have the same format (ST-BUS or GCI-Bus) as the
input frame pulse (FP8i). Output data on both the Backplane
and Local sides (BSTo0-31 and LSTo0-31) will be aligned to
this frame pulse and the accompanying output clock, C16o.
Backplane and Local Inputs
BSTi0-15
228, 229,
230, 231,
232, 233,
234, 235,
236, 238,
237, 240,
239, 242,
241, 244
K1, K2, K3,
K4, L1, L2,
L3, L4, M1,
M2, M3, M4,
N1, N2, N3,
N4
Backplane Serial Input Streams 0 to 15 (5V Tolerant Inputs with
Internal Pull-downs).
These pins accept serial TDM data streams at a data rate of:
16.384Mbps (with 256 channels per stream),
8.192Mbps (with 128 channels per stream),
4.096Mbps (with 64 channels per stream) or
2.048Mbps (with 32 channels per stream).
BSTi16-31
248, 250,
249, 252,
251, 254,
253, 255,
256, 1, 2, 3,
4, 6, 5, 8
N5, P1, P2,
P3, P4, P5,
R1, R2, R3,
R4, R5, T1,
T2, T3, T4, T5
Backplane Serial Input Streams 16 to 31 (5V Tolerant Inputs with
Internal Pull-downs).
These pins accept serial TDM data streams at a data rate of:
16.384Mbps (with 256 channels per stream),
8.192Mbps (with 128 channels per stream),
4.096Mbps (with 64 channels per stream) or
2.048Mbps (with 32 channels per stream).
LSTi0-15
83, 81, 82,
79, 80, 77,
78, 75, 76,
73, 74, 71,
72, 66, 65, 64
K13, K14,
K15, K16,
L13, L14,
L15, L16,
M13, M14,
M15, M16,
N12, N13,
N14, N15
Local Serial Input Streams 0 to 15 (5V Tolerant Inputs with
Internal Pull-downs).
These pins accept serial TDM data streams at a data rate of:
16.384Mbps (with 256 channels per stream),
8.192Mbps (with 128 channels per stream),
4.096Mbps (with 64 channels per stream) or
2.048Mbps (with 32 channels per stream).
LSTi16-31
63, 62, 61,
59, 60, 57,
58, 55, 56,
53, 54, 51,
52, 46, 45, 44
N16, P12,
P13, P14,
P15, P16,
R12, R13,
R14, R15,
R16, T12,
T13, T14,
T15, T16
Local Serial Input Streams 16 to 31 (5V Tolerant Inputs with
Internal Pull-downs).
These pins accept serial TDM data streams at a data rate of:
16.384Mbps (with 256 channels per stream),
8.192Mbps (with 128 channels per stream),
4.096Mbps (with 64 channels per stream) or
2.048Mbps (with 32 channels per stream).
Pin Description (continued)
Pin Name
ZL50064
Package
Coordinates
(256-pin
LQFP)
ZL50062
Package
Coordinates
(256-ball
PBGA)
Description


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn