Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

ZL50062 Datasheet(PDF) 12 Page - Zarlink Semiconductor Inc

No. de Pieza. ZL50062
Descripción  16K-Channel Digital Switch with High Jitter Tolerance, Single Rate (2, 4, 8, or 16Mbps), and 64 Inputs and 64 Outputs
Descarga  68 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  ZARLINK [Zarlink Semiconductor Inc]
Página de inicio  http://www.zarlink.com
Logo 

ZL50062 Datasheet(HTML) 12 Page - Zarlink Semiconductor Inc

Zoom Inzoom in Zoom Outzoom out
 12 / 68 page
background image
ZL50062/4
Data Sheet
12
Zarlink Semiconductor Inc.
Backplane and Local Outputs and Control
ODE
149
B10
Output Drive Enable (5V Tolerant Input with Internal Pull-up).
An asynchronous input providing Output Enable control to the
BSTo0-31 and LSTo0-31 outputs.
When LOW, the BSTo0-31 and LSTo0-31 outputs are driven
HIGH or high impedance (dependent on the BORS and LORS
pin settings respectively).
When HIGH, the outputs BSTo0-31 and LSTo0-31 are
enabled.
BORS
223
D5
Backplane Output Reset State (5V Tolerant Input with Internal
Pull-down).
When this input is LOW, the device will initialize with the
BSTo0-31 outputs driven high. Following initialization, the
Backplane stream outputs are always active.
When this input is HIGH, the device will initialize with the
BSTo0-31 outputs at high impedance. Following initialization,
the Backplane stream outputs may be set active or high
impedance using the ODE pin or on a per-channel basis with
the BE bit in the Backplane Connection Memory.
BSTo0-15
182, 181,
184, 183,
186, 185,
188, 187,
191, 192,
193, 194,
195, 197,
196, 199
B1, B2, B3,
B4, C1, C2,
C3, C4, D1,
D2, D3, D4,
E1, E2, E3,
E4
Backplane Serial Output Streams 0 to 15 (5V Tolerant,
Three-state Outputs with Slew-Rate Control).
These pins output serial TDM data streams at a data rate of:
16.384Mbps (with 256 channels per stream),
8.192Mbps (with 128 channels per stream),
4.096Mbps (with 64 channels per stream) or
2.048Mbps (with 32 channels per stream).
Refer to the descriptions of the BORS and ODE pins for
control of the output HIGH or high impedance state.
BSTo16-31
203, 205,
204, 207,
206, 209,
208, 210,
215, 216,
217, 218,
219, 220,
221, 222
F1, F2, F3,
F4, G1, G2,
G3, G4, H1,
H2, H3, H4,
J1, J2, J3, J4
Backplane Serial Output Streams 16 to 31 (5V Tolerant,
Three-state Outputs with Slew-Rate Control).
These pins output serial TDM data streams at a data rate of:
16.384Mbps (with 256 channels per stream),
8.192Mbps (with 128 channels per stream),
4.096Mbps (with 64 channels per stream) or
2.048Mbps (with 32 channels per stream).
Refer to the descriptions of the BORS and ODE pins for
control of the output HIGH or high impedance state.
Pin Description (continued)
Pin Name
ZL50064
Package
Coordinates
(256-pin
LQFP)
ZL50062
Package
Coordinates
(256-ball
PBGA)
Description


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn