Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

ZL50062 Datasheet(PDF) 18 Page - Zarlink Semiconductor Inc

No. de Pieza. ZL50062
Descripción  16K-Channel Digital Switch with High Jitter Tolerance, Single Rate (2, 4, 8, or 16Mbps), and 64 Inputs and 64 Outputs
Descarga  68 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  ZARLINK [Zarlink Semiconductor Inc]
Página de inicio  http://www.zarlink.com
Logo 

ZL50062 Datasheet(HTML) 18 Page - Zarlink Semiconductor Inc

Zoom Inzoom in Zoom Outzoom out
 18 / 68 page
background image
ZL50062/4
Data Sheet
18
Zarlink Semiconductor Inc.
1.1
Flexible Configuration
The ZL50062/64 can be configured as a 16K by 16K non-blocking unidirectional digital switch, an 8K by 8K
non-blocking bi-directional digital switch, or as a blocking switch with various switching capacities.
1.1.1
Non-Blocking Unidirectional Configuration (Typical System Configuration)
Because the input and output drivers are synchronous, the user can combine input Backplane streams and input
Local streams as well as output Backplane streams and output Local streams to increase the total number of input
and output streams of the switch in a unidirectional configuration, as shown in Figure 4.
16,384-channel x 16,384-channel non-blocking switching from input to output streams
1.1.2
Non-Blocking Bi-directional Configuration
Another typical application is to configure the ZL50062/64 as a non-blocking 8K by 8K bi-directional switch, as
shown in Figure 5:
8,192-channel x 8,192-channel non-blocking switching from Backplane input to Local output streams
8,192-channel x 8,192-channel non-blocking switching from Local input to Backplane output streams
8,192-channel x 8,192-channel non-blocking switching from Backplane input to Backplane output streams
8,192-channel x 8,192-channel non-blocking switching from Local input to Local output streams
1.1.3
Blocking Bi-directional Configuration
The ZL50062/64 can be configured as a blocking bi-directional switch if it is an application requirement. For
example, it can be configured as a 12K by 4K bi-directional blocking switch, as shown in Figure 6:
12,288-channel x 4,096-channel blocking switching from Backplane input to Local output streams
4,096-channel x 12,288-channel blocking switching from Local input to Backplane output streams
12,288-channel x 12,288-channel non-blocking switching from Backplane input to Backplane output streams
4,096-channel x 4,096-channel non-blocking switching from Local input to Local output streams
Figure 6 - 12,288 by 4,096 Channels Blocking Bi-directional Configuration
ZL50062/64
12K by 12K
LSTo16-31
LSTi16-31
4K by 4K
LSTi0-15
BSTi0-31
BSTo0-31
LSTo0-15
12K by 4K
4K by 12K
Total 16 streams input and 16 streams output
Total 48 streams input and 48 streams output


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn