Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

ZL50062 Datasheet(PDF) 28 Page - Zarlink Semiconductor Inc

No. de Pieza. ZL50062
Descripción  16K-Channel Digital Switch with High Jitter Tolerance, Single Rate (2, 4, 8, or 16Mbps), and 64 Inputs and 64 Outputs
Descarga  68 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  ZARLINK [Zarlink Semiconductor Inc]
Página de inicio  http://www.zarlink.com
Logo 

ZL50062 Datasheet(HTML) 28 Page - Zarlink Semiconductor Inc

Zoom Inzoom in Zoom Outzoom out
 28 / 68 page
background image
ZL50062/4
Data Sheet
28
Zarlink Semiconductor Inc.
The data throughput delay (T) is: T = 2 frames + (n - m). Assuming that m (input channel) and n (output channel)
are equal, we have the figure below, in which the delay between the input data being written and the output data
being read is exactly 2 frames.
Figure 12 - Data Throughput Delay with Input Ch0 Switched to Output Ch0
Assuming that n (output channel) is greater than m (input channel), we have the figure below, in which the delay
time between the input channel being written and the output channel being read exceeds 2 frames.
Figure 13 - Data Throughput Delay with Input Ch0 Switched to Output Ch13
Assuming that n (output channel) is less than m (input channel), we have the figure below, in which the delay time
between the input channel being written and the output channel being read is less than 2 frames.
Figure 14 - Data Throughput Delay with Input Ch13 Switched to Output Ch0
Frame
Frame N
Frame N+1
Frame N+2
Frame N+3
Frame N+4
Frame N+5
Frame N Data
Frame N+1Data
Frame N+2 Data
Frame N+3 Data
Frame N+4 Data
Frame N+5 Data
Serial Input Data
Serial Output Data
Frame N-2 Data
Frame N-1 Data
Frame N Data
Frame N+1 Data
Frame N+2 Data
Frame N+3 Data
2 Frames + 0
Frame
Frame N
Frame N+1
Frame N+2
Frame N+3
Frame N+4
Frame N+5
Frame N Data
Frame N+1Data
Frame N+2 Data
Frame N+3 Data
Frame N+4 Data
Frame N+5 Data
Serial Input Data
Serial Output Data
Frame N-2 Data
Frame N-1 Data
Frame N Data
Frame N+1 Data
Frame N+2 Data
Frame N+3 Data
2 Frames + (n - m)
Frame
Frame N
Frame N+1
Frame N+2
Frame N+3
Frame N+4
Frame N+5
Frame N Data
Frame N+1Data
Frame N+2 Data
Frame N+3 Data
Frame N+4 Data
Frame N+5 Data
Serial Input Data
Serial Output Data
Frame N-2 Data
Frame N-1 Data
Frame N Data
Frame N+1 Data
Frame N+2 Data
Frame N+3 Data
2 Frames + (n - m)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn