Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

ZL50062 Datasheet(PDF) 32 Page - Zarlink Semiconductor Inc

No. de Pieza. ZL50062
Descripción  16K-Channel Digital Switch with High Jitter Tolerance, Single Rate (2, 4, 8, or 16Mbps), and 64 Inputs and 64 Outputs
Descarga  68 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  ZARLINK [Zarlink Semiconductor Inc]
Página de inicio  http://www.zarlink.com
Logo 

ZL50062 Datasheet(HTML) 32 Page - Zarlink Semiconductor Inc

Zoom Inzoom in Zoom Outzoom out
 32 / 68 page
background image
ZL50062/4
Data Sheet
32
Zarlink Semiconductor Inc.
During reset, all output channels go HIGH or high impedance, depending on the value of the LORS and BORS
pins, irrespective of the values in bits[14:13] of the connection memory.
9.0
Memory Built-In-Self-Test (BIST) Mode
As operation of the memory BIST will corrupt existing data, this test must only be initiated when the device is placed
“out-of-service” or isolated from live traffic.
The memory BIST mode is enabled through the microprocessor port (Section 13.7, Memory BIST Register).
Internal BIST memory controllers generate the memory test pattern (S-march) and control the memory test. The
memory test result is monitored through the Memory BIST Register.
10.0
JTAG Port
The ZL50062/64 JTAG interface conforms to the IEEE 1149.1 standard. The operation of the boundary-scan circuit
shall be controlled by an external Test Access Port (TAP) Controller.
10.1
Test Access Port (TAP)
The Test Access Port (TAP) consists of four input pins and one output pin described as follows:
Test Clock Input (TCK)
TCK provides the clock for the TAP Controller and is independent of any on-chip clock. TCK permits the
shifting of test data into or out of the Boundary-Scan register cells under the control of the TAP Controller in
Boundary-Scan Mode.
Test Mode Select Input (TMS)
The TAP controller uses the logic signals applied to the TMS input to control test operations. The TMS
signals are sampled at the rising edge of the TCK pulse. This pin in internally pulled to VDD_IO when not
driven from an external source.
Test Data Input (TDi)
Depending on the previously applied data to the TMS input, the serial input data applied to the TDi port is
connected either to the Instruction Register or to a Test Data Register. Both registers are described in
Section 10.2, TAP Registers. The applied input data is sampled at the rising edge of TCK pulses. This pin is
internally pulled to VDD_IO when not driven from an external source.
Test Data Output (TDo)
Depending on the previously applied sequence to the TMS input, the contents of either the instruction
register or data register are serially shifted out towards the TDo. The data out of the TDo is clocked on the
falling edge of the TCK pulses. When no data is shifted through the boundary scan cells, the TDo output is
set to a high impedance state.
Test Reset (TRST)
TRST provides an asynchronous Reset to the JTAG scan structure. This pin is internally pulled high when
not driven from an external source. This pin MUST be pulled low for normal operation.
10.2
TAP Registers
The ZL50062/64 implements the public instructions defined in the IEEE-1149.1 standard with the provision of an
Instruction Register and three Test Data Registers.
10.2.1
Test Instruction Register
The JTAG interface contains a four-bit instruction register. Instructions are serially loaded into the Instruction
Register from the TDi pin when the TAP Controller is in the shift-IR state. Instructions are subsequently decoded to
achieve two basic functions: to select the Test Data Register to operate while the instruction is current, and to
define the serial Test Data Register path to shift data between TDi and TDo during data register scanning. Please
refer to Figure 27 for JTAG test port timing.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn