Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

LTI402T Datasheet(PDF) 2 Page - Voltage Multipliers Inc.

No. de Pieza. LTI402T
Descripción  200 V - 1,000 V Single Phase Bridge 20.0 A - 25.0 A Forward Current 70 ns - 3000 ns Recovery Time
Descarga  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  VMI [Voltage Multipliers Inc.]
Página de inicio  http://www.voltagemultipliers.com
Logo 

LTI402T Datasheet(HTML) 2 Page - Voltage Multipliers Inc.

   
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
248
0
5
10
15
20
25
30
25
50
75
100
125
150
Ambient Temperature (C)
1
10
100
1000
25
50
75
100
125
150
Temperature (C)
400T
400FT
400UFT
MAXIMUM FORWARD CURRENT
VS. TEMPERATURE
LTI402T - LTI410T • LTI402FT - LTI410FT • LTI402UFT - LTI410UFT
REVERSE CURRENT
VS. TEMPERATURE AT Vrwm
Ambient Temperature (°C)
Temperature (°C)


Html Pages

1  2 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn