Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC68HC908GR16A Datasheet(PDF) 24 Page - Freescale Semiconductor, Inc

No. de pieza MC68HC908GR16A
Descripción Electrónicos  M68HC08 Microcontrollers
Download  270 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC908GR16A Datasheet(HTML) 24 Page - Freescale Semiconductor, Inc

Back Button MC68HC908GR16A Datasheet HTML 20Page - Freescale Semiconductor, Inc MC68HC908GR16A Datasheet HTML 21Page - Freescale Semiconductor, Inc MC68HC908GR16A Datasheet HTML 22Page - Freescale Semiconductor, Inc MC68HC908GR16A Datasheet HTML 23Page - Freescale Semiconductor, Inc MC68HC908GR16A Datasheet HTML 24Page - Freescale Semiconductor, Inc MC68HC908GR16A Datasheet HTML 25Page - Freescale Semiconductor, Inc MC68HC908GR16A Datasheet HTML 26Page - Freescale Semiconductor, Inc MC68HC908GR16A Datasheet HTML 27Page - Freescale Semiconductor, Inc MC68HC908GR16A Datasheet HTML 28Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 270 page
background image
General Description
MC68HC908GR16A Data Sheet, Rev. 1.0
24
Freescale Semiconductor
1.5 Pin Functions
Descriptions of the pin functions are provided here.
1.5.1 Power Supply Pins (VDD and VSS)
VDD and VSS are the power supply and ground pins. The MCU operates from a single power supply.
Fast signal transitions on MCU pins place high, short-duration current demands on the power supply. To
prevent noise problems, take special care to provide power supply bypassing at the MCU as Figure 1-4
shows. Place the C1 bypass capacitor as close to the MCU as possible. Use a high-frequency-response
ceramic capacitor for C1. C2 is an optional bulk current bypass capacitor for use in applications that
require the port pins to source high current levels.
Figure 1-4. Power Supply Bypassing
1.5.2 Oscillator Pins (OSC1 and OSC2)
OSC1 and OSC2 are the connections for an external crystal, resonator, or clock circuit. See Chapter 4
Clock Generator Module (CGM).
1.5.3 External Reset Pin (RST)
A 0 on the RST pin forces the MCU to a known startup state. RST is bidirectional, allowing a reset of the
entire system. It is driven low when any internal reset source is asserted. This pin contains an internal
pullup resistor. See Chapter 15 System Integration Module (SIM).
1.5.4 External Interrupt Pin (IRQ)
IRQ is an asynchronous external interrupt pin. This pin contains an internal pullup resistor. See
Chapter 8 External Interrupt (IRQ).
MCU
VDD
C2
C1
0.1
µF
VSS
VDD
+
Note: Component values shown represent typical applications.


Número de pieza similar - MC68HC908GR16A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
MC68HC908GR16 MOTOROLA-MC68HC908GR16 Datasheet
2Mb / 310P
   Microcontrollers
logo
Freescale Semiconductor...
MC68HC908GR16 FREESCALE-MC68HC908GR16 Datasheet
3Mb / 276P
   Microcontrollers
logo
Motorola, Inc
MC68HC908GR16CFA MOTOROLA-MC68HC908GR16CFA Datasheet
2Mb / 310P
   Microcontrollers
MC68HC908GR16CFJ MOTOROLA-MC68HC908GR16CFJ Datasheet
2Mb / 310P
   Microcontrollers
MC68HC908GR16MFA MOTOROLA-MC68HC908GR16MFA Datasheet
2Mb / 310P
   Microcontrollers
More results

Descripción similar - MC68HC908GR16A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Freescale Semiconductor...
MC68HC908JW32 FREESCALE-MC68HC908JW32_09 Datasheet
2Mb / 232P
   M68HC08 Microcontrollers
logo
Motorola, Inc
MC68HC908QT4CPE MOTOROLA-MC68HC908QT4CPE Datasheet
3Mb / 192P
   M68HC08 Microcontrollers
logo
Freescale Semiconductor...
MC68HC908JB8 FREESCALE-MC68HC908JB8 Datasheet
1Mb / 286P
   M68HC08 Microcontrollers
MC68HC908JB16 FREESCALE-MC68HC908JB16 Datasheet
3Mb / 332P
   M68HC08 Microcontrollers
MC68HC908QF4 FREESCALE-MC68HC908QF4 Datasheet
2Mb / 196P
   M68HC08 Microcontrollers
MC908AS60ACFU FREESCALE-MC908AS60ACFU Datasheet
2Mb / 414P
   M68HC08 Microcontrollers
MC68HC908KX8 FREESCALE-MC68HC908KX8 Datasheet
1Mb / 210P
   M68HC08 Microcontrollers
MC68HC908LJ24 FREESCALE-MC68HC908LJ24 Datasheet
4Mb / 464P
   M68HC08 Microcontrollers
MC68HC908QC16 FREESCALE-MC68HC908QC16_08 Datasheet
3Mb / 274P
   M68HC08 Microcontrollers
MC68HC908QY4 FREESCALE-MC68HC908QY4_10 Datasheet
2Mb / 168P
   M68HC08 Microcontrollers
MC68908GZ16CFJE FREESCALE-MC68908GZ16CFJE Datasheet
4Mb / 314P
   M68HC08 Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com