Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

MC68HC908GR16A Datasheet(PDF) 25 Page - Freescale Semiconductor, Inc

No. de Pieza. MC68HC908GR16A
Descripción  M68HC08 Microcontrollers
Descarga  270 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo 

MC68HC908GR16A Datasheet(HTML) 25 Page - Freescale Semiconductor, Inc

Zoom Inzoom in Zoom Outzoom out
 25 / 270 page
background image
Pin Functions
MC68HC908GR16A Data Sheet, Rev. 1.0
Freescale Semiconductor
25
1.5.5 CGM Power Supply Pins (VDDA and VSSA)
VDDA and VSSA are the power supply pins for the analog portion of the clock generator module (CGM).
Decoupling of these pins should be as per the digital supply. See Chapter 4 Clock Generator Module
(CGM).
1.5.6 External Filter Capacitor Pin (VCGMXFC)
CGMXFC is an external filter capacitor connection for the CGM. See Chapter 4 Clock Generator Module
(CGM).
1.5.7 ADC Power Supply/Reference Pins (VDDAD/VREFH and VSSAD/VREFL)
VDDAD and VSSAD are the power supply pins to the analog-to-digital converter (ADC). VREFH and VREFL
are the reference voltage pins for the ADC. VREFH is the high reference supply for the ADC, and by default
the VDDAD/VREFH pin should be externally filtered and connected to the same voltage potential as VDD.
VREFL is the low reference supply for the ADC, and by default the VSSAD/VREFL pin should be connected
to the same voltage potential as VSS. See Chapter 3 Analog-to-Digital Converter (ADC).
1.5.8 Port A Input/Output (I/O) Pins (PTA7/KBD7–PTA0/KBD0)
PTA7–PTA0 are general-purpose, bidirectional I/O port pins. Any or all of the port A pins can be
programmed to serve as keyboard interrupt pins. PTA7–PTA4 are only available on the 48-pin LQFP
package. See Chapter 12 Input/Output (I/O) Ports and Chapter 9 Keyboard Interrupt Module (KBI).
These port pins also have selectable pullups when configured for input mode. The pullups are disengaged
when configured for output mode. The pullups are selectable on an individual port bit basis.
1.5.9 Port B I/O Pins (PTB7/AD7–PTB0/AD0)
PTB7–PTB0 are general-purpose, bidirectional I/O port pins that can also be used for analog-to-digital
converter (ADC) inputs. PTB7–PTB4 are only available on the 48-pin LQFP package. See Chapter 12
Input/Output (I/O) Ports and Chapter 3 Analog-to-Digital Converter (ADC).
1.5.10 Port C I/O Pins (PTC6–PTC0)
PTC6 and PTC5 are general-purpose, bidirectional I/O port pins. PTC4–PTC0 are general-purpose,
bidirectional I/O port pins that contain higher current sink/source capability. PTC6–PTC2 are only
available on the 48-pin LQFP package. See Chapter 12 Input/Output (I/O) Ports.
These port pins also have selectable pullups when configured for input mode. The pullups are disengaged
when configured for output mode. The pullups are selectable on an individual port bit basis.
1.5.11 Port D I/O Pins (PTD7/T2CH1–PTD0/SS)
PTD7–PTD0 are special-function, bidirectional I/O port pins. PTD3–PTD0 can be programmed to be
serial peripheral interface (SPI) pins, while PTD7–PTD4 can be individually programmed to be timer
interface module (TIM1 and TIM2) pins. PTD7 is only available on the 48-pin LQFP package. See
Chapter 18 Timer Interface Module (TIM1 and TIM2), Chapter 16 Serial Peripheral Interface (SPI)
Module, and Chapter 12 Input/Output (I/O) Ports.
These port pins also have selectable pullups when configured for input mode. The pullups are disengaged
when configured for output mode. The pullups are selectable on an individual port bit basis.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download



Número de Pieza relacionado

Part NumberComponents DescriptionHtml ViewManufacturer
MC68HC08AS32AMicrocontrollers 1 2 3 4 5 MoreMotorola, Inc

Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn