Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

MC68HC908GR16A Datasheet(PDF) 46 Page - Freescale Semiconductor, Inc

No. de Pieza. MC68HC908GR16A
Descripción  M68HC08 Microcontrollers
Descarga  270 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo 

MC68HC908GR16A Datasheet(HTML) 46 Page - Freescale Semiconductor, Inc

Zoom Inzoom in Zoom Outzoom out
 46 / 270 page
background image
Analog-to-Digital Converter (ADC)
MC68HC908GR16A Data Sheet, Rev. 1.0
46
Freescale Semiconductor
Figure 3-1. Block Diagram Highlighting ADC Block and Pins
MONITOR MODULE
M68HC08 CPU
CONTROL AND STATUS REGISTERS — 64 BYTES
USER FLASH — 15,872 BYTES
USER RAM — 1024 BYTES
MONITOR ROM — 350 BYTES
USER FLASH VECTOR SPACE — 36 BYTES
INTERNAL BUS
OSC1
OSC2
RST(3)
IRQ(3)
PTA7/KBD7–
PTB7/AD7
PTB6/AD6
PTB5/AD5
PTB4/AD4
PTB3/AD3
PTB2/AD2
PTB1/AD1
PTB0/AD0
PTC6(1)
PTC5(1)
PTC4(1), (2)
PTC3(1), (2)
PTC2(1), (2)
PTC1(1), (2)
PTC0(1), (2)
PTD7/T2CH1(1)
PTD6/T2CH0(1)
PTD5/T1CH1(1)
PTD4/T1CH0(1)
PTD3/SPSCK(1)
PTD2/MOSI(1)
PTD1/MISO(1)
PTD0/SS(1)
PTE1/RxD
PTE0/TxD
SECURITY
MODULE
POWER
VSS
VDD
VSSA
VDDA
1. Ports are software configurable with pullup device if input port.
2. Higher current drive port pins
3. Pin contains integrated pullup device
MONITOR MODE ENTRY
MODULE
VDDAD/VREFH
VSSAD/VREFL
PTE5–PTE2
FLASH PROGRAMMING ROUTINES ROM — 406 BYTES
CLOCK GENERATOR MODULE
CGMXFC
PHASE LOCKED LOOP
1–8 MHz OSCILLATOR
CPU
REGISTERS
ARITHMETIC/LOGIC
UNIT (ALU)
SYSTEM INTEGRATION
MODULE
SINGLE EXTERNAL
INTERRUPT MODULE
10-BIT ANALOG-TO-DIGITAL
CONVERTER MODULE
POWER-ON RESET
MODULE
PROGRAMMABLE TIMEBASE
MODULE
SINGLE BREAKPOINT
BREAK MODULE
DUAL VOLTAGE
LOW-VOLTAGE INHIBIT
MODULE
8-BIT KEYBOARD
INTERRUPT MODULE
2-CHANNEL TIMER
INTERFACE MODULE 1
2-CHANNEL TIMER
INTERFACE MODULE 2
ENHANCED SERIAL
COMUNICATIONS
INTERFACE MODULE
COMPUTER OPERATING
PROPERLY MODULE
SERIAL PERIPHERAL
INTERFACE MODULE
MEMORY MAP
MODULE
CONFIGURATION
REGISTER 1–2
MODULE
PTA0/KBD0(1)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download



Número de Pieza relacionado

Part NumberComponents DescriptionHtml ViewManufacturer
MC68HC08AS32AMicrocontrollers 1 2 3 4 5 MoreMotorola, Inc

Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn