Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

MC68HC908GR16A Datasheet(PDF) 49 Page - Freescale Semiconductor, Inc

No. de Pieza. MC68HC908GR16A
Descripción  M68HC08 Microcontrollers
Descarga  270 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo 

MC68HC908GR16A Datasheet(HTML) 49 Page - Freescale Semiconductor, Inc

Zoom Inzoom in Zoom Outzoom out
 49 / 270 page
background image
Monotonicity
MC68HC908GR16A Data Sheet, Rev. 1.0
Freescale Semiconductor
49
is used when compatibility with 8-bit ADC designs are required. No interlocking between ADRH and ADRL
is present.
NOTE
Quantization error is affected when only the most significant eight bits are
used as a result. See Figure 3-3.
Figure 3-3. Bit Truncation Mode Error
3.4 Monotonicity
The conversion process is monotonic and has no missing codes.
3.5 Interrupts
When the AIEN bit is set, the ADC module is capable of generating CPU interrupts after each ADC
conversion. A CPU interrupt is generated if the COCO bit is at 0. The COCO bit is not used as a
conversion complete flag when interrupts are enabled.
3.6 Low-Power Modes
The WAIT and STOP instruction can put the MCU in low power-consumption standby modes.
IDEAL 10-BIT CHARACTERISTIC
WITH QUANTIZATION = ±1/2
IDEAL 8-BIT CHARACTERISTIC
WITH QUANTIZATION = ±1/2
10-BIT TRUNCATED
TO 8-BIT RESULT
WHEN TRUNCATION IS USED,
ERROR FROM IDEAL 8-BIT = 3/8 LSB
DUE TO NON-IDEAL QUANTIZATION.
000
001
002
003
004
005
006
007
008
009
00A
00B
000
001
002
003
8-BIT
RESULT
10-BIT
RESULT
INPUT VOLTAGE
REPRESENTED AS 10-BIT
INPUT VOLTAGE
REPRESENTED AS 8-BIT
1/2
2 1/2
4 1/2
6 1/2
8 1/2
1 1/2
3 1/2
5 1/2
7 1/2
9 1/2
1/2
2 1/2
1 1/2


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download



Número de Pieza relacionado

Part NumberComponents DescriptionHtml ViewManufacturer
MC68HC08AS32AMicrocontrollers 1 2 3 4 5 MoreMotorola, Inc

Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn