Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

MC68HC908GR16A Datasheet(PDF) 57 Page - Freescale Semiconductor, Inc

No. de Pieza. MC68HC908GR16A
Descripción  M68HC08 Microcontrollers
Descarga  270 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo 

MC68HC908GR16A Datasheet(HTML) 57 Page - Freescale Semiconductor, Inc

Zoom Inzoom in Zoom Outzoom out
 57 / 270 page
background image
MC68HC908GR16A Data Sheet, Rev. 1.0
Freescale Semiconductor
57
Chapter 4
Clock Generator Module (CGM)
4.1 Introduction
This section describes the clock generator module (CGM). The CGM generates the crystal clock signal,
CGMXCLK, which operates at the frequency of the crystal. The CGM also generates the base clock
signal, CGMOUT, which is based on either the crystal clock divided by two or the phase-locked loop (PLL)
clock, CGMVCLK, divided by two. In user mode, CGMOUT is the clock from which the SIM derives the
system clocks, including the bus clock, which is at a frequency of CGMOUT/2. The PLL is a fully functional
frequency generator designed for use with crystals or ceramic resonators. The PLL can generate a
maximum bus frequency of 8 MHz using a 1-8MHz crystal or external clock source.
4.2 Features
Features of the CGM include:
Phase-locked loop with output frequency in integer multiples of an integer dividend of the crystal
reference
High-frequency crystal operation with low-power operation and high-output frequency resolution
Programmable hardware voltage-controlled oscillator (VCO) for low-jitter operation
Automatic bandwidth control mode for low-jitter operation
Automatic frequency lock detector
CPU interrupt on entry or exit from locked condition
Configuration register bit to allow oscillator operation during stop mode
4.3 Functional Description
The CGM consists of three major submodules:
Crystal oscillator circuit — The crystal oscillator circuit generates the constant crystal frequency
clock, CGMXCLK.
Phase-locked loop (PLL) — The PLL generates the programmable VCO frequency clock,
CGMVCLK.
Base clock selector circuit — This software-controlled circuit selects either CGMXCLK divided by
two or the VCO clock, CGMVCLK, divided by two as the base clock, CGMOUT. The SIM derives
the system clocks from either CGMOUT or CGMXCLK.
Figure 4-1 shows the structure of the CGM.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download



Número de Pieza relacionado

Part NumberComponents DescriptionHtml ViewManufacturer
MC68HC08AS32AMicrocontrollers 1 2 3 4 5 MoreMotorola, Inc

Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn