Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

MC68HC908GR16A Datasheet(PDF) 70 Page - Freescale Semiconductor, Inc

No. de Pieza. MC68HC908GR16A
Descripción  M68HC08 Microcontrollers
Descarga  270 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo 

MC68HC908GR16A Datasheet(HTML) 70 Page - Freescale Semiconductor, Inc

Zoom Inzoom in Zoom Outzoom out
 70 / 270 page
background image
Clock Generator Module (CGM)
MC68HC908GR16A Data Sheet, Rev. 1.0
70
Freescale Semiconductor
4.5.4 PLL Multiplier Select Register Low
The PLL multiplier select register low (PMSL) contains the programming information for the low byte of
the modulo feedback divider.
NOTE
For applications using 1–8 MHz reference frequencies this register must be
reprogrammed before enabling the PLL. The reset value of this register will
cause applications using 1–8 MHz reference frequencies to become
unstable if the PLL is enabled without programming an appropriate value.
The programmed value must not allow the VCO clock to exceed 32 MHz.
See 4.3.6 Programming the PLL for detailed instructions on choosing the
proper value for PMSL.
MUL7–MUL0 — Multiplier Select Bits
These read/write bits control the low byte of the modulo feedback divider that selects the VCO
frequency multiplier, N. (See 4.3.3 PLL Circuits and 4.3.6 Programming the PLL.) MUL7–MUL0 cannot
be written when the PLLON bit in the PCTL is set. A value of $0000 in the multiplier select registers
configures the modulo feedback divider the same as a value of $0001. Reset initializes the register to
$40 for a default multiply value of 64.
NOTE
The multiplier select bits have built-in protection such that they cannot be
written when the PLL is on (PLLON = 1).
4.5.5 PLL VCO Range Select Register
The PLL VCO range select register (PMRS) contains the programming information required for the
hardware configuration of the VCO.
NOTE
Verify that the value of the PMRS register is appropriate for the given
reference and VCO clock frequencies before enabling the PLL. See 4.3.6
Programming the PLL for detailed instructions on selecting the proper value
for these control bits.
Address:
$0038
Bit 7
654321
Bit 0
Read:
MUL7
MUL6
MUL5
MUL4
MUL3
MUL2
MUL1
MUL0
Write:
Reset:
01000000
Figure 4-7. PLL Multiplier Select Register Low (PMSL)
Address:
$003A
Bit 7
654321
Bit 0
Read:
VRS7
VRS6
VRS5
VRS4
VRS3
VRS2
VRS1
VRS0
Write:
Reset:
01000000
Figure 4-8. PLL VCO Range Select Register (PMRS)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download



Número de Pieza relacionado

Part NumberComponents DescriptionHtml ViewManufacturer
MC68HC08AS32AMicrocontrollers 1 2 3 4 5 MoreMotorola, Inc

Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn