Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

MC68HC908GR16A Datasheet(PDF) 99 Page - Freescale Semiconductor, Inc

No. de Pieza. MC68HC908GR16A
Descripción  M68HC08 Microcontrollers
Descarga  270 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo 

MC68HC908GR16A Datasheet(HTML) 99 Page - Freescale Semiconductor, Inc

Zoom Inzoom in Zoom Outzoom out
 99 / 270 page
background image
MC68HC908GR16A Data Sheet, Rev. 1.0
Freescale Semiconductor
99
Chapter 9
Keyboard Interrupt Module (KBI)
9.1 Introduction
The keyboard interrupt module (KBI) provides eight independently maskable external interrupts which are
accessible via PTA0–PTA7. When a port pin is enabled for keyboard interrupt function, an internal pullup
device is also enabled on the pin.
9.2 Features
Features include:
Eight keyboard interrupt pins with separate keyboard interrupt enable bits and one keyboard
interrupt mask
Hysteresis buffers
Programmable edge-only or edge- and level- interrupt sensitivity
Exit from low-power modes
I/O (input/output) port bit(s) software configurable with pullup device(s) if configured as input port
bit(s)
9.3 Functional Description
Writing to the KBIE7–KBIE0 bits in the keyboard interrupt enable register independently enables or
disables each port A pin as a keyboard interrupt pin. Enabling a keyboard interrupt pin also enables its
internal pullup device. A low level applied to an enabled keyboard interrupt pin latches a keyboard
interrupt request.
A keyboard interrupt is latched when one or more keyboard pins goes low after all were high. The MODEK
bit in the keyboard status and control register controls the triggering mode of the keyboard interrupt.
If the keyboard interrupt is edge-sensitive only, a falling edge on a keyboard pin does not latch an
interrupt request if another keyboard pin is already low. To prevent losing an interrupt request on
one pin because another pin is still low, software can disable the latter pin while it is low.
If the keyboard interrupt is falling edge- and low-level sensitive, an interrupt request is present as
long as any keyboard interrupt pin is low and the pin is keyboard interrupt enabled.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download



Número de Pieza relacionado

Part NumberComponents DescriptionHtml ViewManufacturer
MC68HC08AS32AMicrocontrollers 1 2 3 4 5 MoreMotorola, Inc

Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn