Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

AD5062 Datasheet(PDF) 1 Page - Analog Devices

No. de Pieza. AD5062
Descripción  Full Accurate 16 Bit Vout nanoDac, 2.7V- 5.5V, in a Sot 23
Descarga  17 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo 

AD5062 Datasheet(HTML) 1 Page - Analog Devices

 
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
Rev. Pr B | Page 1 of 17
Full Accurate 16 Bit Vout nanoDacTM,
2.7V- 5.5V, in a Sot 23
Preliminary Technical Data
AD5062/AD5063
FEATURES
Single 16-Bit DAC, 1Lsb inl.
1.8 Volt Digital Interface Capability
Power-On-Reset to Zero Volts/Mid Scale
Three Power-Down Functions
Low Power Serial Interface with Schmitt-
Triggered Inputs
8-Lead Sot23, 10-Lead MSOP Package
Low Power
Fast Settling 3us.
2.7-5.5 V Power Supply
Low Glitch on Powerup.
Unbuffered Voltage Capable of driving
60k Ohm load.
APPLICATIONS
Process Control
Data Acquisition Systems
Portable Battery Powered Instruments
Digital Gain and Offset Adjustment
Programmable Voltage and Current Sources
Programmable Attenuators
GENERAL DESCRIPTION
The AD5062/AD5063, a member of the nanoDAC
TM family,
are single 16-bit unbuffered voltage out DACs that operate
from a single 2.7-5V supply. The AD5062 version is available
in a 8 ld Sot23. The AD5063 version is available with on board
resistors in a 10 ld uSOIC, making it easy to generate bipolar
signals on the output.
The parts utilize a versatile three-wire serial interface that
operates at clock rates up to 30 MHz and is compatible with
standard SPI™, QSPI™, MICROWIRE™ and DSP interface
standards.
The reference for AD5062/AD5063 is supplied from an
external REF pin. A reference buffer is also provided on chip.
The part incorporates a power-on-reset circuit that ensures that
the DAC output powers up to zero volts/ mid scale and remains
there until a valid write takes place to the device. The part
contains a power-down feature that reduces the current
consumption of the device to 50nA at 5 V and provides
software selectable output loads while in power-down mode.
The part is put into power-down mode over the serial interface.
Total unadjusted error for the part is <1mV.
These parts also provide a very low glitch on power-up.
AD5062 8 Ld Sot23.
AD5063. 10 Ld MSOP.
Part Number
Description
AD5061
2.7 V to 5.5 V, 16 Bit
nanoDACTMD/A, 4 LSBs INL,
Sot 23
AD5040/60
2.7 V to 5.5 V, 14/16 Bit
nanoDACTMD/A, 1 LSBs
INL, Sot23.
PRODUCT HIGHLIGHTS
1. Available in 8-lead SOT23, 10-lead MSOP.
2. 16 Bit Accurate, 1 LSB INL.
3. Low Glitch on Power-up.
4. High speed serial interface with clock speeds up to 30 MHz.
5. Three power down modes available to the user.
Rev. PrB
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.326.8703
© 2004 Analog Devices, Inc. All rights reserved.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download



Número de Pieza relacionado

Part NumberComponents DescriptionHtml ViewManufacturer
TC5517CP-152.048 WORD X 8 BIT CMOS STATIC RAM 1 2 3 4 5 MoreToshiba Semiconductor
WS628128VERY LOW POWER / VOLTAGE COMS SRAM 128K X 8 BIT 1 2 3 4 5 MoreWing Shing Computer Components
ZXCW8100S2832 BIT STEREO DIRECT DRIVE DIGITAL AUDIO AMPLIFIER 1 2 3 4 5 MoreZetex Semiconductors
IC62LV12816DL128 K x 16 bit Low Voltage and Ultra Low Power CMOS Static RAM 1 2 3 4 5 MoreIntegrated Circuit Solution Inc

Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn