Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TPV7S12A61LSW Datasheet(PDF) 2 Page - ITT Industries |
|
TPV7S12A61LSW Datasheet(HTML) 2 Page - ITT Industries |
2 / 5 page www.ittcannon.com 162 Dimensions are shown in inches (millimeters). Dimensions subject to change. MIL-C-26482, Series 2 Connectors PV Contact Arrangements Alternate Insert Positions Face view, pin insert Face view, pin insert Shell Size No. of Contacts Service Rating 8-33* 3-#20 I 14-12 4-#16, 8-#20 I 14-15 1-#16, 14-#20 I 14-18 18-#20 I 16-8 8-#16 II 16-23 1-#16, 22-#20 I 16-26 26-#20 I 18-8 8-#12 I 22-21 21-#16 II 20-41 41-#20 I 20-39 2-#16, 37-#20 I 20-16 16-#16 II 18-32 32-#20 I 18-11 11-#16 II 22-41 24-#20, 14-#16 I SHELL SIZE Shell Contact Cavities Contact Arrangements 8 N W˚ X˚ Y˚ Z˚ 33 98 6 3 8 10 4 5 12 15 18 19 8 23 26 8 11 32 16 39 41 21 41 55 19 31 61 0˚ 0˚ 0˚ 0˚ 0˚ 0˚ 0˚ 0˚ 0˚ 0˚ 0˚ 0˚ 0˚ 0˚ 0˚ 0˚ 0˚ 0˚ 0˚ 0˚ 0˚ 0˚ 0˚ 0˚ 0˚ 0˚ 0˚ 90˚ - 90˚ - 90˚ 60˚ 45˚ 40˚ 43˚ 17˚ 15˚ 30˚ 54˚ 158˚ 60˚ 180˚ 62˚ 85˚ 238˚ 63˚ 45˚ 16˚ 39˚ 30˚ 30˚ 90˚ 90˚ - - - - 112˚ 155˚ - 92˚ 90˚ 110˚ 90˚ 165˚ 152˚ 270˚ - - 119˚ 138˚ 318˚ 144˚ 126˚ 135˚ 135˚ 142˚ 165˚ 225˚ 180˚ - - - 180˚ 203˚ 270˚ - 184˚ - 155˚ 180˚ 315˚ 180˚ - 275˚ - 241˚ 222˚ 333˚ 252˚ 225˚ 175˚ 264˚ 226˚ 315˚ 225˚ 270˚ - - - - 292˚ 295˚ - 273˚ - 234˚ 270˚ - 331˚ - 338˚ - 340˚ 265˚ 347˚ 333˚ - 349˚ - 314˚ - - 324˚ 10 12 14 16 18 20 22 24 ARRANGE- MENT POS CODE X N W Y Z 22-55 55-#20 I 24-19 19-#12 II 24-31 31-#16 I 24-61 61-#20 I 14-19 19-#20 I 8-98* 3-#20 I 10-6 6-#20 I 12-3 3-#16 II 12-8 8-#20 I 12-10 10-#20 I 14-4 4-#12 I 14-5 5-#16 II Shell Size No. of Contacts Service Rating Shell Size No. of Contacts Service Rating Shell Size No. of Contacts Service Rating Contact arrangements requiring reduced diameter for lead-in chamfer on outer row of contact cavities as indicated below. * Layouts are available in shell styles MS3470 and MS3476 only. 8 12 14 14 14 16 18 22 33, 38 10 12 18 19 26 32 41 A, B, C C, G A, B, C, D, E, F, G, and H A, C, E, G, J, and L B, D, F, H, K, and M A, B, C, D, E, F, G, H, J, K, L, M, N, P, and R) A, B, C, D, E, F,G, H, J, K, L, M, N, P, R, S, and T A, B, C, D, E, F, G, H, J, K, L, M, N, P, R, S, T, U, V, W, X, and Y A A A A A A A A J K B B B B C C C C D D D D E E E F F G G H H A A A A B B B B C C C C D D D D E E E E F F F F G G G G H H H H J J K K L L M M N N P P R R T T U U V V W W X X Y Y Z Z a b c S S A A B B C C D D E E F F G G H H J J K K L L M M N N P P R R T T U U V V W W X X Y Z a b c d e f g h j k l m n p r s t u S S A A B B C C D D E E F F G G H H J J K K L L M M N N P P R R T U V W X Y Z a b c d e f g h j k l m n p s t S A A A A B B B B C C C C D D D D E E E E F F F F G G G G H H H H J J J J K K K K L L L L M M M N N N P P P R R R T T T U U U V V V W W W X X X Y Y Y Z Z Z a a a b b b c c c d d d e e e f f f g g g h h h j j j k k l l m m n n r r p p s s t t u u v w x z AA BB CC DD EE FF GG HH S A AA BB CC DD EE FF GG HH JJ KK LL MM NN PP A A B B B C C C D D D E E E F F F G G G H H H J J J K K K L L L M M M N N N P P Q P R R R T T T U U U V V V W W X X Y Y Z Z a a b b c c d d e e f f g g h j k l m n r z y x w v u p q s t S S S S S S A A A A B B B B C C C C D D D D E E E E F F F F G G G G H H H H J J J J K K K K L L L L M M M M N N N P P P R R R T T U U V S S B C B C D E F B B C C |
Número de pieza similar - TPV7S12A61LSW |
|
Descripción similar - TPV7S12A61LSW |