Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADG1308BRUZ-REEL7 Datasheet(PDF) 5 Page - Analog Devices

No. de pieza ADG1308BRUZ-REEL7
Descripción Electrónicos  4- and 8-Channel -15 V/12 V Multiplexers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADG1308BRUZ-REEL7 Datasheet(HTML) 5 Page - Analog Devices

  ADG1308BRUZ-REEL7 Datasheet HTML 1Page - Analog Devices ADG1308BRUZ-REEL7 Datasheet HTML 2Page - Analog Devices ADG1308BRUZ-REEL7 Datasheet HTML 3Page - Analog Devices ADG1308BRUZ-REEL7 Datasheet HTML 4Page - Analog Devices ADG1308BRUZ-REEL7 Datasheet HTML 5Page - Analog Devices ADG1308BRUZ-REEL7 Datasheet HTML 6Page - Analog Devices ADG1308BRUZ-REEL7 Datasheet HTML 7Page - Analog Devices ADG1308BRUZ-REEL7 Datasheet HTML 8Page - Analog Devices ADG1308BRUZ-REEL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
ADG1308/ADG1309
Rev. 0 | Page 5 of 16
SINGLE SUPPLY
VDD = 12 V, V ± 10%, VSS = 0 V, GND = 0 V, unless otherwise noted.1
Table 2.
Parameter
+25ºC
−40ºC to +105ºC Unit
Test Conditions/Comments
ANALOG SWITCH
Analog Signal Range
0 to VDD
V
On Resistance, RON
325
Ω typ
VS = 0 V to 10 V, IS = −1 mA; see Figure 13
500
660
Ω max
VDD = 10.8 V, VSS = 0 V
On Resistance Match Between Channels, ∆RON
10
Ω typ
VS = 0 V to 10 V, IS = −1 mA
20
Ω max
On Resistance Flatness, RFLAT (On)
65
Ω typ
VS = 3 V, 6 V, 9 V, IS = −1 mA
LEAKAGE CURRENTS
VDD = 13.2 V
Source Off Leakage, IS (Off )
±1
nA typ
VS = 1 V/10 V, VD = 10 V/1 V; see Figure 14
±50
nA max
Drain Off Leakage, ID (Off )
±1
nA typ
VS = 1 V/10 V, VD = 10 V/1 V; see Figure 14
±50
nA max
Channel On Leakage, ID, IS (On)
±1
nA typ
VS = VD = 1 V or 10 V; see Figure 15
±50
nA max
DIGITAL INPUTS
Input High Voltage, VINH
2.0
V min
Input Low Voltage, VINL
0.8
V max
Input Current, IINL or IINH
±0.001
±0.1
μA max
VIN = VINL or VINH
Digital Input Capacitance, CIN
3
pF typ
DYNAMIC CHARACTERISTICS2
Transition Time, tTRANSITION
100
ns typ
RL = 300 Ω, CL = 35 pF
170
240
VS = 8 V; see Figure 16
tON (EN)
90
ns typ
RL = 300 Ω, CL = 35 pF
110
170
VS = 8 V; see Figure 18
tOFF (EN)
105
ns typ
RL = 300 Ω, CL = 35 pF
130
180
VS = 8 V; see Figure 18
Break-Before-Make Time Delay, tBBM
45
ns typ
RL = 300 Ω, CL = 35 pF
20
ns min
VS1 = VS2 = 8 V; see Figure 17
Charge Injection
2
pC typ
VS = 6 V, RS = 0 Ω, CL = 1 nF; see Figure 19
Off Isolation
80
dB typ
RL = 50 Ω, CL = 5 pF, f = 1 MHz; see Figure 20
Channel-to-Channel Crosstalk
80
dB typ
RL = 50 Ω, CL = 5 pF, f = 1 MHz; see Figure 21
−3 dB Bandwidth
500
MHz typ
RL = 50 Ω, CL = 5 pF; see Figure 22
CS (Off )
5
pF typ
f = 1 MHz, VS = 6 V
CD (Off )
ADG1308
10
pF typ
f = 1 MHz, VS = 6 V
ADG1309
15
pF typ
f = 1 MHz, VS = 6 V
CD, CS (On)
ADG1308
20
pF typ
f = 1 MHz, VS = 6 V
ADG1309
15
pF typ
f = 1 MHz, VS = 6 V
POWER REQUIREMENTS
VDD = 13.2 V
IDD
0.002
μA typ
Digital inputs = 0 V or VDD
1.0
μA max
IDD
220
μA typ
Digital inputs = 5
320
μA max
VDD
5/16.5
V min/V max
VSS = 0 V, GND = 0 V
1 Temperature range for the B version is –40°C to +105°C.
2 Guaranteed by design; not subject to production test.


Número de pieza similar - ADG1308BRUZ-REEL7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADG1308 AD-ADG1308_15 Datasheet
361Kb / 16P
   4 and 8 Channel 15 V/12 V Multiplexers
REV. A
More results

Descripción similar - ADG1308BRUZ-REEL7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADG1308 AD-ADG1308_15 Datasheet
361Kb / 16P
   4 and 8 Channel 15 V/12 V Multiplexers
REV. A
ADG1309 AD-ADG1309_15 Datasheet
361Kb / 16P
   4 and 8Channel 15 V/12 V Multiplexers
REV. A
ADG1409 AD-ADG1409_15 Datasheet
459Kb / 20P
   4 RON, 4/8 Channel 15 V/12 V/5 V CMOS Multiplexers
REV. B
ADG1208 AD-ADG1208 Datasheet
445Kb / 20P
   Low Capacitance, 4-/8-Channel -15 V/12 V iCMOS Multiplexers
REV. 0
ADG1209YRZ AD-ADG1209YRZ Datasheet
433Kb / 20P
   Low Capacitance, 4-/8-Channel 15 V/12 V iCMOS Multiplexers
REV. B
ADG1206 AD-ADG1206 Datasheet
483Kb / 20P
   Low Capacitance, 16- and 8-Channel -15 V/12 V iCMOS Multiplexers
REV. 0
logo
Vishay Siliconix
DG1408 VISHAY-DG1408 Datasheet
254Kb / 14P
   3.2 Ω, 8-Channel / Dual 4-Channel, ± 15 V, 12 V, ± 5 V Precision Multiplexers
Rev. B, 22-Sep-14
DG1408 VISHAY-DG1408_V01 Datasheet
263Kb / 14P
   3.2 廓, 8-Channel / Dual 4-Channel, 짹 15 V, 12 V, 짹 5 V Precision Multiplexers
01-Jan-2022
logo
Analog Devices
ADG1608 AD-ADG1608 Datasheet
526Kb / 20P
   4.5 廓 RON, 4-/8-Channel 짹5 V,12 V, 5 V, and 3.3 V Multiplexers
REV. 0
ADG1209YRZ AD-ADG1209YRZ Datasheet
433Kb / 20P
   Low Capacitance, 4-/8-Channel, 짹15 V/12 V iCMOS Multiplexers
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com