Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
CX0603MRX7R5BB4 Datasheet(PDF) 2 Page - Continental Device India Limited |
|
CX0603MRX7R5BB4 Datasheet(HTML) 2 Page - Continental Device India Limited |
2 / 16 page Phycomp Product specification Surface-mount ceramic EMI filter capacitors X2Y® Series FEATURES • Broadband Filtering and Decoupling: X2Y® is effective up to 10 GHz and frequencies beyond • Ultra Low ESL: Noise cancellation within X2Y® makes ESL reducing from nanohenry to picohenry levels • Bypass: Unlike feedthrough capacitors, X2Y® is in bypass, so no DC current limitations • Matched Y-caps: Two tightly matched line to ground capacitors in one device • Superior Balance: Temperature and voltage variations balanced of two Y-caps • Aging Reliability: Aging effects are equal on two Y- caps • Fewer Component in Decoupling: Up to 1:7 replacement of MLCC in power delivering system bypass networks • Superior Performance in Decoupling: Large or small, X2Y® components exhibit ultra low ESL • Total Cost Savings: Assembly cost savings through reduced component count and placement costs • Board Level Design Advantages: Dramatically reduces via drills, which blocks routing APPLICATIONS • EMI filtering on DC motors • Filtered connectors (airbag connectors, RJ-45 connectors) • High speed data-line filtering • Decoupling of supply-lines in high speed digital circuits • Broadband filtering. • Amplifier decoupling and EMI suppression. • IC Decoupling, on-package, on- PCB. • DC power line filtering. • Data line filtering. • EMI suppression for DC motors. • Sensors • Audio SCM049_V Fig.1 Circuit of typical applications Decoupling application EMI filtering application A G2 B B A G1 G2 B A G2 G1 G1 • Superior Performance in Filtering: One X2Y® can eliminate both differential and common mode noises BENEFITS • Fewer Component in Filtering: One X2Y® can replace multiple inductors and/or capacitors DESCRIPTION X2Y® series is a breakthrough in the design of ceramic multilayer products for decoupling and filtering in an IPD (integrated passive device). X2Y® products comprise two identical Y-capacitors and one X-capacitor, integrated into a 4 terminal device, which is available in standard MLCC sizes. Thanks to the unique multilayer construction the device provides noise cancellation within the device, reducing ESL from nanohenry to picohenry levels. Using the unique balance between the Y-capacitors and the shielded multilayer structure the X2Y® products offer superior decoupling and filtering. The X2Y® device performs as a broadband filter enabling better EMC compliance for electrical equipment in a wide range of applications. 2006 Nov.21 V.11 2 www.yageo.com |
Número de pieza similar - CX0603MRX7R5BB4 |
|
Descripción similar - CX0603MRX7R5BB4 |