Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADG1312YRZ Datasheet(PDF) 10 Page - Analog Devices

No. de pieza ADG1312YRZ
Descripción Electrónicos  -15 V/12 V Quad SPST Switches
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADG1312YRZ Datasheet(HTML) 10 Page - Analog Devices

Back Button ADG1312YRZ Datasheet HTML 4Page - Analog Devices ADG1312YRZ Datasheet HTML 5Page - Analog Devices ADG1312YRZ Datasheet HTML 6Page - Analog Devices ADG1312YRZ Datasheet HTML 7Page - Analog Devices ADG1312YRZ Datasheet HTML 8Page - Analog Devices ADG1312YRZ Datasheet HTML 9Page - Analog Devices ADG1312YRZ Datasheet HTML 10Page - Analog Devices ADG1312YRZ Datasheet HTML 11Page - Analog Devices ADG1312YRZ Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
ADG1311/ADG1312/ADG1313
Rev. 0 | Page 10 of 12
TEST CIRCUITS
IDS
V1
SD
VS
RON = V1/IDS
SD
VS
A
A
VD
IS (OFF)
ID (OFF)
SD
A
VD
ID (ON)
NC
NC = NO CONNECT
Figure 10. Test Circuit 1—On Resistance
Figure 11. Test Circuit 2—Off Leakage
Figure 12. Test Circuit 3 —On Leakage
VS
IN
SD
GND
RL
300
Ω
CL
35pF
VOUT
VDD
VSS
0.1
μF
VDD
0.1
μF
VSS
ADG1312
ADG1311
VIN
VIN
VOUT
tON
tOFF
50%
50%
90%
90%
50%
50%
Figure 13. Test Circuit 4—Switching Times
VS2
IN1,
IN2
S2
D2
VS1
S1
D1
GND
RL
300
Ω
CL
35pF
VOUT2
VOUT1
VDD
VSS
0.1
μF
VDD
0.1
μF
VSS
VIN
VOUT1
VOUT2
ADG1313
tD
tD
50%
50%
90%
90%
90%
90%
0V
0V
0V
RL
300
Ω
CL
35pF
Figure 14. Test Circuit 5—Break-Before-Make Time Delay
IN
VOUT
ADG1312
ADG1311
VIN
VIN
VOUT
OFF
ΔV
OUT
ON
QINJ = CL ×ΔVOUT
SD
VDD
VSS
VDD
VSS
VS
RS
GND
CL
1nF
Figure 15. Test Circuit 6—Charge Injection


Número de pieza similar - ADG1312YRZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADG1312 AD-ADG1312_15 Datasheet
279Kb / 12P
   15 V/12 V Quad SPST Switches
REV. A
More results

Descripción similar - ADG1312YRZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADG1311 AD-ADG1311_15 Datasheet
279Kb / 12P
   15 V/12 V Quad SPST Switches
REV. A
ADG1313 AD-ADG1313_15 Datasheet
279Kb / 12P
   15 V/12 V Quad SPST Switches
REV. A
ADG1312 AD-ADG1312_15 Datasheet
279Kb / 12P
   15 V/12 V Quad SPST Switches
REV. A
ADG1411 AD-ADG1411_15 Datasheet
295Kb / 16P
   1.5 On Resistance, 15 V/12 V/5 V, iCMOS, Quad SPST Switches
REV. B
ADG1412 AD-ADG1412_15 Datasheet
295Kb / 16P
   1.5 On Resistance, 15 V/12 V/5 V, CMOS, Quad SPST Switches
REV. B
ADG1334 AD-ADG1334 Datasheet
317Kb / 12P
   Quad SPDT -15 V/12 V Switches
Rev. 0
ADG1334 AD-ADG1334_15 Datasheet
318Kb / 12P
   Quad SPDT 15 V/12 V Switches
REV. 0
logo
Vishay Siliconix
DG1411E VISHAY-DG1411E_V01 Datasheet
351Kb / 14P
   1.5 ??On Resistance, 짹 15 V / 12 V / 짹 5 V, Quad SPST Switches
08-Feb-17
DG9424E VISHAY-DG9424E Datasheet
262Kb / 13P
   On Resistance, 5 V, 12 V, and 3 V Quad SPST Switches
Rev. A, 29-Feb-16
logo
Analog Devices
ADG2412 AD-ADG2412 Datasheet
1,021Kb / 21P
   0.5 Ω RON, ±15 V, 12 V, ±5 V, 5 V/–12 V, Quad SPST Switch
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com