Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADG702LBRTZ-REEL7 Datasheet(PDF) 7 Page - Analog Devices

No. de pieza ADG702LBRTZ-REEL7
Descripción Electrónicos  CMOS Low Voltage 2 OHM SPST Switches
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADG702LBRTZ-REEL7 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADG702LBRTZ-REEL7 Datasheet HTML 3Page - Analog Devices ADG702LBRTZ-REEL7 Datasheet HTML 4Page - Analog Devices ADG702LBRTZ-REEL7 Datasheet HTML 5Page - Analog Devices ADG702LBRTZ-REEL7 Datasheet HTML 6Page - Analog Devices ADG702LBRTZ-REEL7 Datasheet HTML 7Page - Analog Devices ADG702LBRTZ-REEL7 Datasheet HTML 8Page - Analog Devices ADG702LBRTZ-REEL7 Datasheet HTML 9Page - Analog Devices ADG702LBRTZ-REEL7 Datasheet HTML 10Page - Analog Devices ADG702LBRTZ-REEL7 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
ADG701L/ADG702L
Rev. 0 | Page 7 of 12
TYPICAL PERFORMANCE CHARACTERISTICS
3.5
0
0.5
1.0
1.5
2.0
2.5
3.0
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
VD OR VS (DRAIN OR SOURCE VOLTAGE (V))
VDD = 2.7V
TA = 25°C
VDD = 3.0V
VDD = 5.0V
VDD = 4.5V
Figure 6. On Resistance as a Function of VD (VS) Single Supplies
3.5
0
0.5
1.0
1.5
2.0
2.5
3.0
0
0.5
1.0
1.5
2.0
2.5
3.0
VD OR VS (DRAIN OR SOURCE VOLTAGE (V))
+85
°C
+25
°C
–40
°C
VDD = 3V
Figure 7. On Resistance as a Function of VD (VS) for Different
Temperatures VDD = 3 V
3.5
0
0.5
1.0
1.5
2.0
2.5
3.0
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
VD OR VS (DRAIN OR SOURCE VOLTAGE (V))
VDD = 5V
+85
°C
+25
°C
–40
°C
Figure 8. On Resistance as a Function of VD (VS) for Different
Temperatures VDD = 5 V
10m
1n
10n
100n
1
μ
10
μ
100
μ
1m
10
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
VDD = 5V
Figure 9. Supply Current vs. Input Switching Frequency
–10
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
10k
100k
1M
10M
100M
FREQUENCY (Hz)
VDD = 5V, 3V
Figure 10. Off Isolation vs. Frequency
0
–6
–4
–2
10k
100k
1M
10M
100M
FREQUENCY (Hz)
VDD = 3V
Figure 11. Bandwidth


Número de pieza similar - ADG702LBRTZ-REEL7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADG702 AD-ADG702 Datasheet
108Kb / 8P
   CMOS Low Voltage 2ohm SPST Switches
REV. A
ADG702 AD-ADG702 Datasheet
271Kb / 12P
   CMOS Low Voltage 2 廓 SPST Switches
REV. C
ADG702 AD-ADG702 Datasheet
476Kb / 9P
   Devices Connected
ADG702BRJ-500RL7 AD-ADG702BRJ-500RL7 Datasheet
271Kb / 12P
   CMOS Low Voltage 2 廓 SPST Switches
REV. C
ADG702BRJ-500RL7 AD-ADG702BRJ-500RL7 Datasheet
271Kb / 12P
   CMOS Low Voltage 2 廓 SPST Switches
REV. C
More results

Descripción similar - ADG702LBRTZ-REEL7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADG801 AD-ADG801 Datasheet
76Kb / 9P
   <0.5 ohm CMOS, Low Voltage, SPST Switches
REV. PrE Jan ??2
ADG721 AD-ADG721 Datasheet
204Kb / 8P
   CMOS Low Voltage 4 ohm Dual SPST Switches
REV. 0
ADG711 AD-ADG711 Datasheet
119Kb / 8P
   CMOS Low Voltage 4 ohm Quad SPST Switches
REV. 0
ADG702BRMZ AD-ADG702BRMZ Datasheet
271Kb / 12P
   CMOS Low Voltage 2 廓 SPST Switches
REV. C
ADG701 AD-ADG701_06 Datasheet
271Kb / 12P
   CMOS Low Voltage 2 廓 SPST Switches
REV. C
logo
Maxim Integrated Produc...
MAX4645 MAXIM-MAX4645 Datasheet
202Kb / 11P
   Fast, Low-Voltage, 2.5-ohm, SPST, CMOS Analog Switches
Rev 1; 7/00
MAX4501 MAXIM-MAX4501 Datasheet
313Kb / 8P
   Low-Voltage, SPST, CMOS Analog Switches
Rev 1; 11/99
MAX4502EUKT MAXIM-MAX4502EUKT Datasheet
319Kb / 8P
   Low-Voltage, SPST, CMOS Analog Switches
Rev 1; 11/99
logo
Analog Devices
ADG701 AD-ADG701 Datasheet
108Kb / 8P
   CMOS Low Voltage 2ohm SPST Switches
REV. A
logo
Pericom Semiconductor C...
PI5A4626 PERICOM-PI5A4626 Datasheet
210Kb / 9P
   SOTINY??Low-Voltage, Single-Supply 1-Ohm SPST CMOS Analog Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com