Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC10H130 Datasheet(PDF) 3 Page - ON Semiconductor

No. de pieza MC10H130
Descripción Electrónicos  Dual Latch
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10H130 Datasheet(HTML) 3 Page - ON Semiconductor

  MC10H130 Datasheet HTML 1Page - ON Semiconductor MC10H130 Datasheet HTML 2Page - ON Semiconductor MC10H130 Datasheet HTML 3Page - ON Semiconductor MC10H130 Datasheet HTML 4Page - ON Semiconductor MC10H130 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MC10H130
http://onsemi.com
3
APPLICATION INFORMATION
The MC10H130 is a clocked dual D type latch. Each latch
may be clocked separately by holding the common
clock in the low state, and using the clock enable inputs for
the clocking function. If the common clock is to be used to
clock the latch, the clock enable (CE) inputs must be in the
low state. In this mode, the enable inputs perform the
function of controlling the common clock (C).
Any change at the D input will be reflected at the output
while the clock is low. The outputs are latched on the
positive transition of the clock. While the clock is in the high
state, a change in the information present at the data inputs
will not affect the output information.
The set and reset inputs do not override the clock and D
inputs. They are effective only when either C or CE or both
are high.
ORDERING INFORMATION
Device
Package
Shipping
MC10H130FN
PLLC−20
46 Units / Rail
MC10H130FNG
PLLC−20
(Pb−Free)
46 Units / Rail
MC10H130FNR2
PLLC−20
500 / Tape & Reel
MC10H130FNR2G
PLLC−20
(Pb−Free)
500 / Tape & Reel
MC10H130L
CDIP−16
25 Unit / Rail
MC10H130P
PDIP−16
25 Unit / Rail
MC10H130PG
PDIP−16
(Pb−Free)
25 Unit / Rail
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.


Número de pieza similar - MC10H130

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC10H131 ONSEMI-MC10H131 Datasheet
98Kb / 4P
   Dual D Type Master-Slave Flip-Flop
REV 5
MC10H131 ONSEMI-MC10H131 Datasheet
153Kb / 7P
   Dual D Type Master?뭆lave Flip?묯lop
February, 2006 ??Rev. 7
MC10H131 ONSEMI-MC10H131 Datasheet
139Kb / 5P
   Dual D Type Master?륲lave Flip?륡lop
August, 2016 ??Rev. 8
MC10H131FN ONSEMI-MC10H131FN Datasheet
153Kb / 7P
   Dual D Type Master?뭆lave Flip?묯lop
February, 2006 ??Rev. 7
MC10H131FNG ONSEMI-MC10H131FNG Datasheet
153Kb / 7P
   Dual D Type Master?뭆lave Flip?묯lop
February, 2006 ??Rev. 7
More results

Descripción similar - MC10H130

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
MC10130 MOTOROLA-MC10130 Datasheet
830Kb / 2P
   DUAL LATCH
MPG1668 MOTOROLA-MPG1668 Datasheet
637Kb / 11P
   Dual Clocked Latch
logo
NXP Semiconductors
74F256 PHILIPS-74F256 Datasheet
104Kb / 12P
   Dual addressable latch
1988 Nov 29
logo
Melexis Microelectronic...
MLX90224 MELEXIS-MLX90224_14 Datasheet
486Kb / 10P
   Dual Hall Effect Latch
logo
NXP Semiconductors
HEF4508B PHILIPS-HEF4508B Datasheet
107Kb / 9P
   Dual 4-bit latch
January 1995
logo
National Semiconductor ...
9308 NSC-9308 Datasheet
121Kb / 6P
   Dual 4-Bit Latch
93L08 NSC-93L08 Datasheet
99Kb / 4P
   Dual 4-Bit Latch
logo
NXP Semiconductors
10130 PHILIPS-10130 Datasheet
260Kb / 6P
   Dual D-Type Latch
June 14 1990
logo
Motorola, Inc
MC10134 MOTOROLA-MC10134 Datasheet
73Kb / 5P
   DUAL MULTIPLEXER WITH LATCH
logo
List of Unclassifed Man...
MMC4508 ETC1-MMC4508 Datasheet
167Kb / 5P
   DUAL 4-BIT LATCH
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com