Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

NB3N3001 Datasheet(PDF) 7 Page - ON Semiconductor

No. de pieza NB3N3001
Descripción Electrónicos  3.3 V 106.25 MHz/ 212.5 MHz PureEdge Clock Generator with LVPECL Differential Output
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NB3N3001 Datasheet(HTML) 7 Page - ON Semiconductor

  NB3N3001 Datasheet HTML 1Page - ON Semiconductor NB3N3001 Datasheet HTML 2Page - ON Semiconductor NB3N3001 Datasheet HTML 3Page - ON Semiconductor NB3N3001 Datasheet HTML 4Page - ON Semiconductor NB3N3001 Datasheet HTML 5Page - ON Semiconductor NB3N3001 Datasheet HTML 6Page - ON Semiconductor NB3N3001 Datasheet HTML 7Page - ON Semiconductor NB3N3001 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
NB3N3001
http://onsemi.com
7
PC Board Layout Example
Figure 11 shows a representative board layout for the
NB3N3001. There exists many different potential board
layouts and the one pictured is but one. The crystal X1
footprint shown in this example allows installation of either
surface mount HC49S or through−hole HC49 package. The
footprints of other components in this example are listed in
Table 11. There should be at least one decoupling capacitor
per power pin. The decoupling capacitors should be located
as close as possible to the power pins. The layout assumes
that the board has clean analog power ground plane. The
important aspect of the layout in Figure 11 is the low
impedance connections between VCC and GND for the
bypass capacitors. Combining good quality general purpose
chip capacitors with good PCB layout techniques will
produce effective capacitor resonances at frequencies
adequate to supply the instantaneous switching current for
the NB3N3001 outputs. It is imperative that low inductance
chip capacitors are used. It is equally important that the
board layout not introduce any of the inductance saved by
using the leadless capacitors. Thin interconnect traces
between the capacitor and the power plane should be
avoided and multiple large vias should be used to tie the
capacitors to the buried power planes. Fat interconnect and
large vias will help to minimize layout induced inductance
and thus maximize the series resonant point of the bypass
capacitors.
The voltage amplitude across the crystal is relatively
small. It is imperative that no actively switching signals
cross under the crystal as crosstalk energy coupled to these
lines could significantly impact the jitter of the device.
Table 11. Footprint Table
Reference
Size
C1, C2
0402
C3
0805
C4, C5
0603
R2
0603
Figure 11. PC Board Layout
C2
C1
Figure 12. Typical Termination for Output Driver and Device Evaluation
(See Application Note AND8020/D − Termination of ECL Logic Devices.)
Driver
Device
Receiver
Device
QD
Q
D
Zo = 50 W
Zo = 50 W
50
W
50
W
VTT
VTT = VCC − 2.0 V
ORDERING INFORMATION
Device
Package
Shipping
NB3N3001DTG
TSSOP8 4.4 mm
(Pb−Free)
100 Units / Rail
NB3N3001DTR2G
TSSOP8 4.4 mm
(Pb−Free)
2500 / Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.


Número de pieza similar - NB3N3001

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
NB3N3002 ONSEMI-NB3N3002 Datasheet
128Kb / 7P
   3.3V, Crystal-to-HCSL Clock Generator
June, 2010 ??Rev. 2
NB3N3002 ONSEMI-NB3N3002 Datasheet
126Kb / 8P
   HCSL Clock Generator
October, 2013 ??Rev. 6
NB3N3002 ONSEMI-NB3N3002 Datasheet
87Kb / 8P
   HCSL Clock Generator
May, 2017 ??Rev. 7
NB3N3002DTG ONSEMI-NB3N3002DTG Datasheet
128Kb / 7P
   3.3V, Crystal-to-HCSL Clock Generator
June, 2010 ??Rev. 2
NB3N3002DTG ONSEMI-NB3N3002DTG Datasheet
126Kb / 8P
   HCSL Clock Generator
October, 2013 ??Rev. 6
More results

Descripción similar - NB3N3001

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
NB3N3011 ONSEMI-NB3N3011 Datasheet
161Kb / 7P
   3.3 V 100 MHz / 106.25 MHz PureEdge Clock Generator with LVPECL Differential Output
October, 2006 ??Rev. 0
NBXDBA012 ONSEMI-NBXDBA012 Datasheet
152Kb / 6P
   3.3 V, 106.25 MHz 212.5 MHz LVPECL Clock Oscillator
August, 2007 - Rev. 0
NBXDBA012 ONSEMI-NBXDBA012_09 Datasheet
185Kb / 6P
   3.3 V, 106.25 MHz / 212.5 MHz LVPECL Clock Oscillator
October, 2009 ??Rev. 5
NBXDPA012 ONSEMI-NBXDPA012 Datasheet
132Kb / 7P
   2.5 V / 3.3 V, 106.25 MHz / 212.5MHz LVDS Clock Oscillator
August, 2009 ??Rev. 0
NBXHGA053 ONSEMI-NBXHGA053 Datasheet
115Kb / 6P
   2.5/3.3 V, 50.00 MHz LVPECL Clock Oscillator LVPECL Differential Output
April, 2011 ??Rev. 0
NBXSBA024 ONSEMI-NBXSBA024_11 Datasheet
118Kb / 6P
   2.5 V / 3.3 V, 622.08 MHz LVPECL Clock Oscillator LVPECL Differential Output
April, 2011 ??Rev. 4
NB3N15552MNG ONSEMI-NB3N15552MNG Datasheet
143Kb / 6P
   3.3V PureEdge VCXO Clock Generator with Differential LVPECL Outputs
April, 2012 ??Rev. 0
NB3N508S ONSEMI-NB3N508S_06 Datasheet
257Kb / 8P
   3.3V, 216 MHz PureEdge VCXO Clock Generator with M?묹VDS Output
October, 2006 ??Rev. 0
NBXDBB018_0910 ONSEMI-NBXDBB018_0910 Datasheet
136Kb / 7P
   3.3 V, 155.52 MHz / 311.04MHz LVPECL Clock Oscillator
October, 2009 ??Rev. 3
NBXDBB017_0910 ONSEMI-NBXDBB017_0910 Datasheet
146Kb / 8P
   3.3 V, 156.25 MHz / 312.5MHz LVPECL Clock Oscillator
October, 2009 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com